Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28044GGMS Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320F28044GGMS
Description  Digital Signal Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28044GGMS Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320F28044GGMS Datasheet HTML 51Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 52Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 53Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 54Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 55Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 56Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 57Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 58Page - Texas Instruments TMS320F28044GGMS Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
www.ti.com
TMS320F28044
Digital Signal Processor
SPRS357B – AUGUST 2006 – REVISED MAY 2007
Table 4-7. SCI-A Registers
(1)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SCICCRA
0x7050
1
SCI-A Communications Control Register
SCICTL1A
0x7051
1
SCI-A Control Register 1
SCIHBAUDA
0x7052
1
SCI-A Baud Register, High Bits
SCILBAUDA
0x7053
1
SCI-A Baud Register, Low Bits
SCICTL2A
0x7054
1
SCI-A Control Register 2
SCIRXSTA
0x7055
1
SCI-A Receive Status Register
SCIRXEMUA
0x7056
1
SCI-A Receive Emulation Data Buffer Register
SCIRXBUFA
0x7057
1
SCI-A Receive Data Buffer Register
SCITXBUFA
0x7059
1
SCI-A Transmit Data Buffer Register
SCIFFTXA(2)
0x705A
1
SCI-A FIFO Transmit Register
SCIFFRXA(2)
0x705B
1
SCI-A FIFO Receive Register
SCIFFCTA(2)
0x705C
1
SCI-A FIFO Control Register
SCIPRIA
0x705F
1
SCI-A Priority Control Register
(1)
Registers in this table are mapped to Peripheral Frame 2 space. This space only allows 16-bit accesses. 32-bit accesses produce
undefined results.
(2)
These registers are new registers for the FIFO mode.
Submit Documentation Feedback
Peripherals
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com