Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G3PRESSURE Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # G3PRESSURE
Description  G3 Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

G3PRESSURE Datasheet(HTML) 4 Page - Ashcroft, Inc.

  G3PRESSURE Datasheet HTML 1Page - Ashcroft, Inc. G3PRESSURE Datasheet HTML 2Page - Ashcroft, Inc. G3PRESSURE Datasheet HTML 3Page - Ashcroft, Inc. G3PRESSURE Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, AMP®, Deutsch®, Metri-Pack® and Superseal®.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. G3_transducer_ds_RevD_08-14-24
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
G3 Pressure Transducer
of 4
4
Ø0.95
[Ø24.0]
1.69
[42.9]
1.74
[44.2]
2.60
[65.9]
0.23
[5.7]
¼ NPT
1.40
1.59
.23
.94
1.06
[27]
1.06
[27]
[36]
MINI HIRSCHMANN®**
[24]
.94
[24]
.71
[18]
2.24
[57]
[6]
2.05
[52]
.30 [8]
.23
[6]
[40]
Wire
Length
3-PIN METRI-PACK®*
AMP® SUPERSEAL® DEUTSCH® DT04-3P DEUTSCH® DTM04-3P
.23
Ø.94
2.03
.45
1.02
1.06
.54
2.11
.56
.23
.94
.95
1.13
1.06
.44
.23
2.04
.46
Ø.94
1.06
.81
.67
Optional
Mating
Connector
Optional
Mating
Connector
*Mates to Metri-Pack®
Connector Body 12065286
**Mates to Hirschmann® G4W1F
Connector or Similar
1.40
1.59
.23
.94
1.06
[27]
1.06
[27]
[36]
MINI HIRSCHMANN®**
[24]
.94
[24]
.71
[18]
2.24
[57]
[6]
2.05
[52]
.30 [8]
.23
[6]
[40]
Wire
Length
3-PIN METRI-PACK®*
AMP® SUPERSEAL® DEUTSCH® DT04-3P DEUTSCH® DTM04-3P
.23
Ø.94
2.03
.45
1.02
1.06
.54
2.11
.56
.23
.94
.95
1.13
1.06
.44
.23
2.04
.46
Ø.94
1.06
.81
.67
Optional
Mating
Connector
Optional
Mating
Connector
*Mates to Metri-Pack®
Connector Body 12065286
**Mates to Hirschmann® G4W1F
Connector or Similar
1.40
1.59
.23
.94
1.06
[27]
1.06
[27]
[36]
MINI HIRSCHMANN®**
[24]
.94
[24]
.71
[18]
2.24
[57]
[6]
2.05
[52]
.30 [8]
.23
[6]
[40]
Wire
Length
3-PIN METRI-PACK®*
AMP® SUPERSEAL® DEUTSCH® DT04-3P DEUTSCH® DTM04-3P
.23
Ø.94
2.03
.45
1.02
1.06
.54
2.11
.56
.23
.94
.95
1.13
1.06
.44
.23
2.04
.46
Ø.94
1.06
.81
.67
Optional
Mating
Connector
Optional
Mating
Connector
*Mates to Metri-Pack®
Connector Body 12065286
**Mates to Hirschmann® G4W1F
Connector or Similar
3.992 TYP
Install height
.793 Flange
Radius
Major thread
Radius R.211
Connection - PIN
Connection - PIN
1
2
3
1
2
3
Vs-
V out
Vs+
Vs-
Vs+
G3 RANGE TABLE
Range
Code
316SS
316SS
ISO
5 psi
5#
X
15 psi
15#
X*
X
30 psi
30#
X
X
50 psi
50#
X
X
60 psi
60#
X
X
100 psi
100#
X
X
150 psi
150#
X
X
250 psi
250#
X
X
300 psi
300#
X
X
500 psi
500#
X
X
750 psi
750#
X
X
1,000 psi
1000#
X
X
1,500 psi
1500#
X
X
2,000 psi
2000#
X
X
3,000 psi
3000#
X
X
5,000 psi
5000#
X
X
0 psi/-14.7 psi
0#&vac
X*
X
15 psi/-14.7 psi
15#&vac
X*
X
30 psi/-14.7 psi
30#&vac
X
60 psi/-14.7 psi
60#&vac
X
100 psi/-14.7 psi
100#&vac
X
150 psi/-14.7 psi
150#&vac
X
300 psi/-14.7 psi
300#&vac
X
15 psi
15#
X
30 psi
30#
X
50 psi
50#
X
60 psi
60#
X
100 psi
100#
X
250 psi
250#
X
300 psi
300#
X
500 psi
500#
X
Connection - PIN
Connection - PIN
1
2
3
1
2
3
Vs-
V out
Vs+
Vs-
Vs+
*
Not available with 4-20mA output
DIMENSIONS are identified in inches and [millimeters]
For reference only, consult Ashcroft for specific dimensional drawings.
G3 Range Table
Range
Code316LSS
316LSS ISO
Gauge
5 psi
5#
X
15 psi
15#
X*
X
30 psi
30#
X
X
50 psi
50#
X
X
60 psi
60#
X
X
100 psi
100#
X
X
250 psi
250#
X
X
300 psi
300#
X
X
500 psi
500#
X
X
1,000 psi
1000# X
X
1,500 psi
1500# X
X
2,000 psi
2000# X
X
3,000 psi
3000# X
X
5,000 psi
5000# X
X
Compound
0 psi/-14.7 psi
0#&vac X*
X
15 psi/-14.7 psi
15#&vac X*
X
30 psi/-14.7 psi
30#&vac
X
60 psi/-14.7 psi
60#&vac
X
100 psi/-14.7 psi
100#&vac
X
150 psi/-14.7 psi
150#&vac
X
300 psi/-14.7 psi
300#&vac
X
Absolute
15 psi
15#
X
30 psi
30#
X
50 psi
50#
X
60 psi
60#
X
100 psi
100#
X
250 psi
250#
X
300 psi
300#
X
500 psi
500#
X
* Not available with 4-20mA output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com