Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8002ESS02TQ Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 8002ESS02TQ
Description  80 Wafer Isolation Ring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

8002ESS02TQ Datasheet(HTML) 1 Page - Ashcroft, Inc.

  8002ESS02TQ Datasheet HTML 1Page - Ashcroft, Inc. 8002ESS02TQ Datasheet HTML 2Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
of 3
1
80 Wafer Isolation Ring
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and
conditions. Ashcroft®, Safe Quick Release (SQR)™ and Trust the Shield® are trademarks of Ashcroft Inc.
The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon® and Viton™.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 80_wafer_iso_ring_ds_RevG_08-30-24
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
360° Instrument rotation with SQR™ option
Selection of 2˝ through 20˝ nominal pipe size
Non-clogging/low maintenance
Complete instrument protection
Ensure reliable/accurate pressure readings
Optional retrofit end plates to replace competitive units
NSF-61 Compliant (316L Stainless steel/EPDM only)
TYPICAL USES
Water and wastewater
Mining
SPECIFICATIONS
Sizes:
2˝ to 20˝
Instrument
Connection Size:
¼, ½ NPT
Pressure Rating
(MAWP):
Per customer flanges:
ASME B16.5 150 or 300 class
Fill:
Glycerin: 0 °F to 400 °F (-18 °C to 204 °C)
Silicone (10Cst): –40 °F to 500 °F (–40 °C to 260 °C)
Silicone (50Cst): –40 °F to 600 °F (–40 °C to 316 °C)
Halocarbon®: –70 °F to 300 °F (–57 °C to 149 °C)
Instrument Options: Direct-mount, Needle valve, Safe Quick Release
(SQR™), Needle valve and SQR™ (02T conn.)
Added Tolerance:
±0.5% typical
Approvals:
CRN, NSF-61 (316L Stainless steel / EPDM only)
WETTED COMPONENTS
End Plate Material
Flexible Liner
Carbon steel, 316L Stainless steel,
PVDF, Acetal, CPVC
Buna, PTFE, EPDM,
Natural rubber, and Viton™
KEY BENEFITS
•Reliable when continuous pressure
measurements are needed
•Non-clogging and low maintenance
•Complete instrument protection
MIN/MAX TEMPERATURE LIMITS
Liner
Temperature Limits
Buna-N
–30 °F to 225 °F (–34 °C to 107 °C)
PTFE
–15 °F to 350 °F (–25 °C to 177 °C)
Viton™
–15 °F to 350 °F (–25 °C to 177 °C)
Natural Rubber
–30 °F to 225 °F (–34 °C to 107 °C)
EPDM
–40 °F to 300 °F (–40 °C to 149 °C)
80 Wafer Isolation Ring
Nominal Size: 2˝ to 20˝
SQR™ OPTION
SHOWN
NEEDLE VALVE
OPTION SHOWN
DIRECT MOUNT
SHOWN
360° ROTATION
NON-WETTED COMPONENTS
Body
Instrument Fittings
Carbon Steel, 316L Stainless steel
Adapters: 316L Stainless steel
Needle Valve: 316L Stainless steel
SQR: Zinc-plated carbon steel


Similar Part No. - 8002ESS02TQ

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8002 FILTRAN-8002 Datasheet
200Kb / 1P
T1/CEPT Extended Temperature Range SMD Dual Line Interface Module
logo
RHOPOINT COMPONENTS
8002 RHOPOINT-8002 Datasheet
66Kb / 2P
DIP Reed Relays
logo
List of Unclassifed Man...
8002 ETC2-8002 Datasheet
629Kb / 17P
Portable computers
logo
INCOME TECHNOLOGY
8002 INCOME-8002 Datasheet
602Kb / 14P
Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
logo
List of Unclassifed Man...
8002 ETC-8002 Datasheet
379Kb / 6P
2.0 Watt Audio Power Amplifier
V1.0
More results

Similar Description - 8002ESS02TQ

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-11209 RHOMBUS-IND-T-11209 Datasheet
27Kb / 1P
TOKEN RING COUPLING / ISOLATION TRANSFORMER
logo
Premier Magnetics, Inc.
PM-TR01 PMI-PM-TR01 Datasheet
75Kb / 2P
DIL PACKAGE TOKEN RING ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EP9842-1 PCA-EP9842-1 Datasheet
22Kb / 1P
Token Ring Isolation Transformers
EPA1550-1 PCA-EPA1550-1 Datasheet
31Kb / 1P
Token Ring Isolation Transformers
logo
Pasternack Enterprises,...
PE71S5003 PASTERNACK-PE71S5003 Datasheet
1Mb / 7P
80 dB High Isolation SP4T PIN Diode Switch
logo
Adam Technologies, Inc.
MTC-XX-RT ADAM-TECH-MTC-XX-RT Datasheet
96Kb / 1P
WAFER 396 PITCH
15SH-A-XX-TR-SMT ADAM-TECH-15SH-A-XX-TR-SMT Datasheet
83Kb / 1P
WAFER SMT
15SH-A-XX-TR-SMT-TR ADAM-TECH-15SH-A-XX-TR-SMT-TR Datasheet
82Kb / 1P
WAFER SMT
15SH-A-XX-TR-SMT-TR-2 ADAM-TECH-15SH-A-XX-TR-SMT-TR-2 Datasheet
53Kb / 1P
WAFER SMT
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com