Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8002RFS02TZ Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 8002RFS02TZ
Description  80 Wafer Isolation Ring
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

8002RFS02TZ Datasheet(HTML) 2 Page - Ashcroft, Inc.

  8002RFS02TZ Datasheet HTML 1Page - Ashcroft, Inc. 8002RFS02TZ Datasheet HTML 2Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
of 3
of 3
2
3
80 Wafer Isolation Ring
80 Wafer Isolation Ring
Data Sheet
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and
conditions. Ashcroft®, Safe Quick Release (SQR)™ and Trust the Shield® are trademarks of Ashcroft Inc.
The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon® and Viton™.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 80_wafer_iso_ring_ds_RevG_08-30-24
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and
conditions. Ashcroft®, Safe Quick Release (SQR)™ and Trust the Shield® are trademarks of Ashcroft Inc.
The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon® and Viton™.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 80_wafer_iso_ring_ds_RevG_08-30-24
ashcroft.com
| 1.800.328.8258 | Contact Us
Nominal
Pipe Size
Inches
Inner
Diameter
(ID)
Outer
Diameter
(OD)
Width (W)
Metalic
Endplates
Width (W)
Non
Metalic
Endplates
Width
(W) XIR
Endplates
H
Weight Lbs.
(metal end
plates)
Direct
Safe Quick
Release
Needle
Valve
2
2.07
4.00
2.00
2.13
2.13
1.89
2.04
1.70
4.00
3
3.07
5.25
2.00
2.13
2.13
1.89
2.04
1.70
6.30
4
4.03
6.75
1.50
2.13
2.13
1.89
2.04
1.70
8.00
5
5.05
7.63
1.50
2.25
2.25
1.89
2.04
1.70
9.50
6
6.07
8.63
1.50
2.25
2.25
1.89
2.67
2.32
10.20
8
7.98
10.88
1.50
2.50
2.50
2.39
2.67
2.32
14.90
10
10.02
13.25
1.50
2.75
2.75
2.39
2.67
2.32
21.30
12
12.00
16.00
1.75
3.00
3.00
2.39
2.67
2.32
39.10
14
13.25
17.63
1.75
3.00
3.00
2.89
3.17
2.82
47.80
16
15.25
20.13
1.75
3.00
3.00
2.89
3.17
2.82
58.00
18
17.25
21.50
1.75
3.00
3.00
2.89
3.67
3.32
61.80
20
19.25
23.75
1.75
3.00
3.00
2.89
3.67
3.32
68.80
TABLE 2 – PROCESS CONNECTION TABLE
Process Connection Code
(Nominal Size)
Type 80
(Ordering Code)
2˝
02
3˝
03
4˝
04
5˝
05
6˝
06
8˝
08
10˝
10
12˝
12
14˝
14
16˝
16
18˝
18
20˝
20
Consult factory for larger sizes
ORDERING CODE
Example:
80
02
E
B
B
02T
N
000 XCK
H3
NH
Seal Type
80 - Wafer style isolation ring
80
Process Connection Size
02 - 2˝ (see table 2 on page 3)
02
Inner Flexible Wall
E - Buna-N
E
T - PTFE (available in 2˝ to 10˝)
Y - Viton™
R - Natural rubber
P - EPDM (NSF-61 Compliant)
End Plate Material
A - Acetal
K - CPVC
B - Carbon steel
B
S - 316L Stainless steel (NSF-61 Compliant)
F - PVDF
Body Material
B - Carbon steel
B
S - 316L Stainless steel
Instrument Connection Size
02T - ¼ NPT Female
02T
04T - ½ NPT Female (ring body tapped with ¼ NPT connection; 04T connection utilizes ¼-½ NPT adapter)
Instrument Removal Option
N - Direct-mount (2˝ to 8˝)
N
V - Needle valve (2˝ to 8˝)
Q - Safe Quick Release (SQR™)
Z - Needle valve and SQR
Pressure Class
000 - Wafer design
000
Options (if choosing option(s) must include an “X”)
X__
Fill Fluid (see table 3 on page 3 for more available fill fluids)
CG - Glycerin
CK - Silicone
50cSt
CK
CF - Halocarbon®
CT - 50/50 Ethylene Glycol/water
Multiple Instrument Assemblies (contact factory for additional arrangements or custom orientations.)
H3 - ¼ NPT gauge/ ¼ NPT transducer/ 02T isolation ring
H3
H5 - ½ NPT gauge/ ½ NPT switch/ 04T isolation ring
H6 - ½ NPT gauge/2 ½ NPT switches/ 02T isolation ring
H7 - ¼ NPT gauge/ ¼ NPT switch/ 02T isolation ring
Refer to Assembly Guide for additional assembly options
Optional Features
IR - Retrofit end plates (custom end plate widths for drop-in replacements)
NH - Stainless steel tag wired to ring
NH
Q8 - Elbow for vertical pipe installation
When selecting an instrument, refer to the Diaphragm Seal Pressure & Temperature Min/Max Guide for compatibility with this isolation ring or scan the QR code to the right.
Ø ID
Ø OD
H
W
Note-1: For Quick Connect (QC) ONLY - When male
portion is installed, add 1.2" to H for overall height
(instrument height not included)
DIMENSIONS
Needle Valve
Shown
TABLE 3 – FILL FLUID TABLE
Fill Fluid
Temperature Range
Code
Glycerin
0 °F to 400 °F (-18 °C to 204 °C)
CG
Silicone 10cSt
-40 °F to 500 °F (-40 °C to 260 °C)
DJ
Silicone 50cSt
-40 °F to 500 °F (-40 °C to 260 °C)
CK
Halocarbon®
-80 °F to 390 °F (-60 °C to 200 °C)
CF
50/50 Ethylene Glycol/Water
-25 °F to 190 °F (-32 °C to 88 °C)
CT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com