Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2WCS2010 Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # A2WCS2010
Description  A2 Pressure Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A2WCS2010 Datasheet(HTML) 4 Page - Ashcroft, Inc.

  A2WCS2010 Datasheet HTML 1Page - Ashcroft, Inc. A2WCS2010 Datasheet HTML 2Page - Ashcroft, Inc. A2WCS2010 Datasheet HTML 3Page - Ashcroft, Inc. A2WCS2010 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, Aminco®, Bendix® , Hirschmann®, VCR®, Tri-Clamp®.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. a2_transducer_ds_RevH_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 4
4
A2 Pressure Transmitter
3.065
4.45
2.20
0.88
4.78
3.065
0.675
1.06
DIA.
[22.5]
[121]
[78]
[17]
[27]
0.50
[56]
0.885
1.06 [27] Hex.
Common For All
Pressure Fittings
[22]
[78]
[113]
[13]
1.06
DIA.
[27]
Heavy Industrial (Enclosure S, Z, Y, W)
RANGE TABLE
Range
Code
Notes
0 psi/-14.7 psi
0#&vac 17-4PH® SS sensor not available, gauge pressure only
15 psi/-14.7 psi 15#&vac 17-4PH® SS sensor not available, gauge pressure only
30 psi/-14.7 psi 30#&vac 17-4PH® SS sensor not available, gauge pressure only
45 psi/-14.7 psi 45#&vac Gauge pressure only
60 psi/-14.7 psi 60#&vac Gauge pressure only
1.5 psi
1.5# 17-4PH
®
SS sensor not available, gauge pressure only,
available with accuracies B or C only
5 psi
5# 17-4PH® SS sensor not available, gauge pressure only
10 psi
10# 17-4PH® SS sensor not available, gauge pressure only
15 psi
15# 17-4PH® SS sensor not available
30 psi
30# 17-4PH® SS sensor not available
50 psi
50#
60 psi
60#
75 psi
75#
100 psi
100#
150 psi
150#
200 psi
200#
300 psi
300#
500 psi
500#
750 psi
750#
1,000 psi
1000#
1,500 psi
1500#
2,000 psi
2000#
3,000 psi
3000#
5,000 psi
5000#
6,000 psi
6000#
7,500 psi
7500#
10,000 psi 10000# 17-4PH® SS sensor required
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com