Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E2GC5CS2012CCX Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # E2GC5CS2012CCX
Description  E2 Sanitary Pressure Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2GC5CS2012CCX Datasheet(HTML) 4 Page - Ashcroft, Inc.

  E2GC5CS2012CCX Datasheet HTML 1Page - Ashcroft, Inc. E2GC5CS2012CCX Datasheet HTML 2Page - Ashcroft, Inc. E2GC5CS2012CCX Datasheet HTML 3Page - Ashcroft, Inc. E2GC5CS2012CCX Datasheet HTML 4Page - Ashcroft, Inc. E2GC5CS2012CCX Datasheet HTML 5Page - Ashcroft, Inc. E2GC5CS2012CCX Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
E2 Sanitary Pressure Transducer
of 6
4
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®, Neobee®,
Superseal® and Tri-Clamp®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. e2_san_seal_trans_ds_RevG_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
TABLE 2 - SENSOR PRESSURE RANGE
psi
Sensor
Material
bar
Sensor
Material
A
17-4PH® SS
C
316 ISO
A
17-4PH® SS
C
316 ISO
30#
•
•
45#
•
•
2BR
•
50#
•
•
2.5BR
•
•
60#
•
•
4BR
•
•
75#
•
•
6BR
•
•
100#
•
•
10BR
•
•
150#
•
•
16BR
•
•
200#
•
•
20BR
•
•
250#
•
•
25BR
•
•
300#
•
•
40BR
•
500#
•
•
60BR
•
750#
•
1000#
•
VACBR
•
V&1BR
•
V&1.6BR
•
V&2BR
•
VAC#
•
V&4BR
•
•
V&15#
•
•
V&6BR
•
•
V&30#
•
•
1BRA
•
V&45#
•
•
1.6BRA
•
V&60#
•
•
2BRA
•
V&100#
•
•
2.5BRA
•
V&150#
•
•
4BRA
•
V&200#
•
•
6BRA
•
V&300#
•
•
10BRA
•
15#A
•
16BRA
•
30#A
•
20BRA
•
50#A
•
100#A
•
120#A
•
300#A
•
TABLE 3 - PRESSURE CONNECTION DIMENSIONS
1½˝ Tri-Clamp® Connection
Code: S15
MAWP: 1,000 psi
2˝ Tri-Clamp® Connection
Code: S20
MAWP: 1,000 psi
1.60
1.60
Ø 1.98
2˝ Attached
Diaphragm Seal
Code “S15”
Ø 2.49
2.5˝ Attached
Diaphragm Seal
Code “S15”
1.60
1.60
Ø 1.98
2˝ Attached
Diaphragm Seal
Code “S15”
Ø 2.49
2.5˝ Attached
Diaphragm Seal
Code “S15”



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com