Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E2GC7CS2016CCX Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # E2GC7CS2016CCX
Description  E2 Sanitary Pressure Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2GC7CS2016CCX Datasheet(HTML) 1 Page - Ashcroft, Inc.

  E2GC7CS2016CCX Datasheet HTML 1Page - Ashcroft, Inc. E2GC7CS2016CCX Datasheet HTML 2Page - Ashcroft, Inc. E2GC7CS2016CCX Datasheet HTML 3Page - Ashcroft, Inc. E2GC7CS2016CCX Datasheet HTML 4Page - Ashcroft, Inc. E2GC7CS2016CCX Datasheet HTML 5Page - Ashcroft, Inc. E2GC7CS2016CCX Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
E2 Sanitary Pressure Transducer
of 6
1
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®, Neobee®,
Superseal® and Tri-Clamp®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. e2_san_seal_trans_ds_RevG_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
E2 Sanitary Pressure Transducer
PERFORMANCE SPECIFICATIONS
Reference
Temperature:
21 °C ±2 °C (70 °F ±3 °F)
Static Accuracy:
±0.25% of span, ±0.50% of span, ±1.0% of span,
Terminal Point Method includes: hysteresis,
linearity, repeatability, offset and span
Stability:
±0.25% year at reference conditions
ENVIRONMENTAL SPECIFICATIONS
Thermal
Coefficients:
Offset: ±0.009% /°C from -40 °C to 125 °C
Span: ±0.009% /°C from -40 °C to 125 °C
Humidity:
0-100% (non-condensing)
FUNCTIONAL SPECIFICATIONS
Response Time (Output)
4 ms
Gauge/Compound Pressure Ranges:
VAC to 1000 psig
AbsolutePressure Ranges:
0 to 500 psia
Proof Pressure:
1.2X - 2X (See Table 1 on page 2)
Burst Pressure:
3X - 8X (See Table 1 on page 2)
Additional Offset Temperature Error (21 °C Reference Temp.)
Glycerin
Silicone
1.5˝ Fitting
0.8 psi/100 °C
1.4 psi/100 °C
2.0˝ Fitting
0.5 psi/100 °C
0.7 psi/100 °C
ELECTRICAL SPECIFICATIONS
Circuit Protection:
Reverse polarity protected
INTRINSICALLY SAFE INSTALLATIONS
Supply Voltage: Output
9-28 Vdc: 0-5 Vdc, 1-5 Vdc, 1-6 Vdc, 0.1-5 Vdc, 0.5-4.5 Vdc
14-28 Vdc: 0-10 Vdc, 1-11 Vdc, 0.1-10 Vdc
9-30 Vdc: 4-20 mA, 20-4 mA (2-wire)
NON-INCENDIVE INSTALLATIONS:
Supply Voltage: Output
9-28 Vdc: 0-5 Vdc, 1-5 Vdc, 1-6 Vdc, 0.1-5 Vdc, 0.5-4.5 Vdc
14-28 Vdc: 0-10 Vdc, 1-11 Vdc, 0.1-10 Vdc
9-30 Vdc: 4-20 mA, 20-4 mA (2-wire)
Adjustability:
±5% of span non-interactive offset & span
Supply Current:
<8 mA (Vout)
Curent Source/Sink
for Voltage Output
1 mA (source)/ 0.1 mA (sink) MAX.
Withstand/Breakdown 100 Vdc/Vac, optional 500 Vdc/Vac
FEATURES
„
Available with 1.5˝ and 2.0˝ Tri-Clamp® connection
„
Ranges vacuum through 1000 psi
„ Glycerin fill fluid is standard for ranges from
0 to 1000 psi, mineral oil fill fluid is standard on
vacuum, compound and absolute ranges.
„
Wide selection of electrical terminations
„
Customizable configurations
„
External magnetic offset & span adjustment
„
SIL 3 capable
TYPICAL USES
„
Food, dairy and beverage production
„
Pharmaceutical
„
3-A Sanitary applications
„
Biotech and medical equipment
„
Filtration
KEY BENEFITS
•Highly configurable
•Easy calibration of offset and span
•SIL certified
Temperature Limits: (Subject to Fill Fluid)
Code Fill Fluid
Storage Operating and Media Temperature
CG*
Glycerine
0 °F to 257 °F (-18 °C to 125 °C) (STD.)
*
Standard on ranges from 0 to 1000 psig.
CZ
Food grade Silicone
-40 °F to 257 °F (-40 °C to 125 °C)
FJ
Distilled water
40 °F TO 185 °F (4 °C TO 85 °C)
MY*
Mineral oil
10 °F to 257 °F (-12 °C to 125 °C)
*
Standard on all vacuum, compound and
absolute ranges.
NM
Neobee® M20
5 °F to 257 °F (-5 °C to 125 °C)
Note: Contact Ashcroft for alternate fill fluids


Similar Part No. - E2GC7CS2016CCX

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
E2GC7CF0200CCM0-X1L ASHCROFT-E2GC7CF0200CCM0-X1L Datasheet
2Mb / 8P
E2G Pressure Transducer
RevP_10-25-24
E2GC7CF0200CCM0-X6B ASHCROFT-E2GC7CF0200CCM0-X6B Datasheet
2Mb / 8P
E2G Pressure Transducer
RevP_10-25-24
E2GC7CF0200CCM0-X6W ASHCROFT-E2GC7CF0200CCM0-X6W Datasheet
2Mb / 8P
E2G Pressure Transducer
RevP_10-25-24
E2GC7CF0200CCM0-XNH ASHCROFT-E2GC7CF0200CCM0-XNH Datasheet
2Mb / 8P
E2G Pressure Transducer
RevP_10-25-24
E2GC7CF0200CCM0-XNN ASHCROFT-E2GC7CF0200CCM0-XNN Datasheet
2Mb / 8P
E2G Pressure Transducer
RevP_10-25-24
More results

Similar Description - E2GC7CS2016CCX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com