Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPT2CWAPSI Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # PPT2CWAPSI
Description  PT-1 Digital Pressure Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

PPT2CWAPSI Datasheet(HTML) 3 Page - Ashcroft, Inc.

  PPT2CWAPSI Datasheet HTML 1Page - Ashcroft, Inc. PPT2CWAPSI Datasheet HTML 2Page - Ashcroft, Inc. PPT2CWAPSI Datasheet HTML 3Page - Ashcroft, Inc. PPT2CWAPSI Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
3 of 4
PT-1 Digital Pressure Indicator
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Heise®, and Trust the Shield® are trademarks of Ashcroft Inc. For more information, see
Ashcroft Brands & Trademarks ©2023 Ashcroft Inc. PT-1_gauge_ds_RevE_03-19-23
ashcroft.com
| 1.800.328.8258 | Contact Us
PPT-2 Gauge, Absolute Pressure Modules
ORDERING CODE
Example:
PPT
2
C
I
G
PSI
100
A
Model
PPT - Ashcroft pressure sensor
PPT
Sensor Type
2 - Piezoresistive sensor — High pressure 5 psi to 10,000 psi
2
Accuracy
B - ±0.1% accuracy (STD.)
C - ±0.05% accuracy (STD.)
C
D - ±0.025% accuracy (STD.)
F - ±0.1% Enhanced temperature compensation 20 °F to 120 °F
G - ±0.05% Enhanced temperature compensation 20 °F to 120 °F
H - ±0.025% Enhanced temperature compensation 20 °F to 120 °F
Media Compatability
I - Isolated (no special cleaning)
I
W - Clean to ASME B40-100 Level IV
Pressure Type
G - Gauge
G
A - Absolute
V - Vacuum
C - Compound
Pressure Units
psi
PSI
Ranges
Isolated
5 - 5 psi
10 - 10 psi
15 - 15 psi
20 - 20 psi
25 - 25 psi
30 - 30 psi
50 - 50 psi
60 - 60 psi
100 - 100 psi
100
150 - 150 psi
200 - 200 psi
250 - 250 psi
300 - 300 psi
500 - 500 psi
600 - 600 psi
1000 - 1,000 psi
1500 - 1,500 psi
2000 - 2,000 psi
2500 - 2,500 psi
3000 - 3,000 psi
5000 - 5,000 psi
6000 - 6,000 psi
7500 - 7,500 psi
10000 - 10,000 psi (gauge only)
Vacuum
15 - 15 psi
Compound
10 - ±10 psi
15 - ±15 psi
30 - 15/30 psi
60 - 15/60 psi
Inlet Fitting
A - 1⁄8 NPT Female (STD.)
A
B - 1⁄8 NPT Female w/flush port
C - G 1⁄8 BSP British inlet manifold
D - G 1⁄8 BSP British inlet w/flush port



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com