Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2ZAS2016 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # A2ZAS2016
Description  A2 Pressure Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A2ZAS2016 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  A2ZAS2016 Datasheet HTML 1Page - Ashcroft, Inc. A2ZAS2016 Datasheet HTML 2Page - Ashcroft, Inc. A2ZAS2016 Datasheet HTML 3Page - Ashcroft, Inc. A2ZAS2016 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, Aminco®, Bendix® , Hirschmann®, VCR®, Tri-Clamp®.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. a2_transducer_ds_RevH_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 4
2
A2 Pressure Transmitter
LOAD LIMITATIONS 4-20 mA OUTPUT ONLY
WETTED MATERIAL
Diaphragm
Process Connection
316L Stainless steel or 17-4PH®
316L Stainless Steel
NON-WETTED
Housing
304 Stainless steel
Vdc
Min = 12V + (0.022A
* X (RL))
R
L = RS+ RW
R
L = Loop Resistance (ohms)
R
S = Sense Resistance (ohms)
R
W = Wiring Resistance (ohms)
* (Includes a 10% safety factor)
,
Electrical
Terminations:
See ordering code on page 3 for options
PHYSICAL SPECIFICATIONS
Environmental
Rating:
IP65, NEMA 4X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com