Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A4AFPCV Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # A4AFPCV
Description  A4A Precision Pressure Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A4AFPCV Datasheet(HTML) 3 Page - Ashcroft, Inc.

  A4AFPCV Datasheet HTML 1Page - Ashcroft, Inc. A4AFPCV Datasheet HTML 2Page - Ashcroft, Inc. A4AFPCV Datasheet HTML 3Page - Ashcroft, Inc. A4AFPCV Datasheet HTML 4Page - Ashcroft, Inc. A4AFPCV Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STANDARD RANGES
inHg
inH20
mmHg
-30 to 0
-
-
0-30
-
-
0-40
-
-
0-50
-
-
0-60
-
-
0-75
-
-
-
0-450
-
-
0-500
-
-
0-600
-
-
0-750
-
-
0-800
-
-
-
-
0-100
-
-
0-125
-
-
0-150
-
-
0-200
-
-
0-250
-
-
0-300
-
-
0-400
-
-
0-500
-
-
0-600
-
-
0-750
-
-
-
-
0-760
0-1000
-
-
-
-
0-1000
-
-
0-1250
-
-
0-1500
-
-
0-2000
-
-
0-2500
-
-
0-3000
-
-
0-4000
-
-
0-5000
STANDARD RANGES
bar
kg/cm2
kp/cm2
kPa
mPa
Notes
-1 to 0
-
-
0.2-1
-
-
0-1
0-100
-
0-1.6
0-160
-
0-2
0-200
-
0-2.5
0-250
-
0-3
0-300
-
0-4
0-400
-
0-5
0-500
-
0-6
0-600
-
0-7.5
0-750
-
0-10
0-1000
0-1
0-12
0-1200
0-1.50
0-16
0-1600
0-1.6
0-20
0-2000
0-2
0-25
0-2500
0-2.5
0-30
0-3000
0-3
0-40
0-4000
0-4
0-50
0-5000
0-5
0-60
0-6000
0-6
0-75
0-7500
0-7.5
0-100
0-10000
0-10
0-125
-
0-12.5
0-160
-
0-16
0-200
-
0-20
0-250
-
0-25
0-400
-
0-40
0-500
-
0-50
0-600
-
0-60
0-750
-
0-75
0-1000
-
0-100
0-1250
-
0-125
0-1600
-
0-160
0-2500
-
0-250
0-4000
-
0-400
Available in 8½”, 12” or 16.”
Dial face diamerts only
0-6000
-
0-600
Available in 8½”, 12” or 16.”
Dial face diamerts only
0-7000
-
0-700
Available in 8½”, 12” or 16.”
Dial face diamerts only
of 5
3
Data Sheet
A4A Precision Pressure Gauge
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. A4A_gauge_ds_RevE_08-17-20
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com