| Electronic Components Datasheet Search |
|
AKD4341 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems |
|
|
|||||||||||||||||||||||||||||
AKD4341 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems |
|
3 / 18 page ![]() ASAHI KASEI [AK4341] PIN/FUNCTION No. Pin Name I/O Function 1 MCLK I Master Clock Input Pin An external TTL clock should be input on this pin. 2 BICK I Audio Serial Data Clock Pin 3 SDTI I Audio Serial Data Input Pin 4 LRCK I L/R Clock Pin 5 PDN I Power-Down Mode Pin When at “L”, the AK4341 is in the power-down mode, held in reset and AOUTL/R are held in VCOM. The AK4341 must be reset once upon power-up. 6 SMUTE I Soft Mute Pin in parallel control mode “H”: Enable, “L”: Disable 7 ACKS I Auto Setting Mode Pin “L”: Manual Setting Mode, “H”: Auto Setting Mode 8 DIF I Audio Data Interface Format Pin “L”: 24bit MSB Justified, “H”: I2S 9 DEM I De-emphasis Enable Pin “H”: Enable, “L”: Disable 10 AOUTR O Rch Analog Output Pin When PDN pin = “L”, outputs VCOM voltage. 11 AOUTL O Lch Analog Output Pin When PDN pin = “L”, outputs VCOM voltage. 12 HVDD - Output Buffer Power Supply Pin Normally connected to VSS with a 0.1 μF ceramic capacitor in parallel with a 10 μF electrolytic cap. 13 VSS - Ground Pin 14 VDD - DAC Power Supply Pin 15 VCOM O DAC Common Voltage Pin Normally connected to VSS with a 10 μF electrolytic cap. Outputs VCOM VDD voltage either PDN pin = “L” or “H”. 16 GAIN I Gain Control Pin. “H”: +6dB, “L”: 0dB, open: +12dB. When PDN=“H”, the Gain pin is connected to VDD and VSS with 50k Ω resisters and held to VDD/2 when open. When PDN=“L”, connected to VSS with 50k Ω resister. Note: All input pins except for the GAIN pin should not be left floating. MS0558-E-01 2007/03 - 3 - |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |