Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK4635ECB Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4635ECB
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635ECB Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4635ECB Datasheet HTML 1Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 2Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 3Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 4Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 5Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 6Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 7Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 8Page - Asahi Kasei Microsystems AK4635ECB Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 1 -
GENERAL DESCRIPTION
The AK4635 is a 16-bit mono CODEC with Microphone-Amplifier, Speaker-Amplifier and Video-
Amplifier. Input circuits include a Microphone-Amplifier and an ALC (Automatic Level Control) circuit.
Output circuits include a Speaker-Amplifier and Mono Line Output. Video circuits include a LPF and
Video-Amplifier. The AK4635 suits a moving picture of Digital Still Camera and etc. This
speaker-Amplifier supports a Piezo Speaker. The AK4635 is housed in a space-saving 29-pin Wafer
Level CSP 2.5mm x 3.0mm package.
FEATURE
1. 16-Bit Delta-Sigma Mono CODEC
2. Recording Function
• 1ch Mono Input
• MIC Amplifier: (0dB/+3dB/+6dB/+10dB/ +17dB/+20dB/+23dB/+26dB/+29dB/+32dB)
• Digital ALC (Automatic Level Control)
(+36dB
∼ -54dB, 0.375dB Step, Mute)
• ADC Performance (MIC-Amp=+20dB)
- S/(N+D): 84dB
- DR, S/N: 86dB
• Wind-noise Reduction Emphasis
• 5 band notch Filter
3. Playback Function
• Digital ALC (Automatic Level Control)
(+36dB
∼ -54dB, 0.375dB Step, Mute)
• Mono Line Output: S/(N+D) : 85dB, S/N : 93dB
• Mono Class-D Speaker-Amp
- BTL Output
- Output Power: 400mW @ 8
Ω (SVDD=3.3V)
- S/(N+D): 55dB (150mW@8
Ω)
• Beep Generator
4. Video Function
• A Composite Video Input
• Gain Control (-1.0dB ∼ +10.5dB, 0.5dB Step)
• Low Pass Filter
• A Video-Amp for Composite Video Signal(+6dB)
• DC Direct Output or Sag Compensation Output
5. Power Management
6. PLL Mode:
• Frequencies:
12MHz, 13.5MHz, 24MHz, 27MHz (MCKI pin)
1fs (FCK pin)
16fs, 32fs or 64fs (BICK pin)
7. EXT Mode:
• Frequencies: 256fs, 512fs or 1024fs (MCKI pin)
8. Sampling Rate:
• PLL Slave Mode (FCK pin): 7.35kHz ~ 48kHz
• PLL Slave Mode (BICK pin): 7.35kHz ~ 48kHz
• PLL Slave Mode (MCKI pin):
AK4635
16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
= Preliminary =


Similar Part No. - AK4635ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631VN AKM-AK4631VN Datasheet
564Kb / 69P
16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632VN AKM-AK4632VN Datasheet
620Kb / 70P
16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results

Similar Description - AK4635ECB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
24bit Mono CODEC with MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com