Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACDBTS1100R-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDBTS1100R-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBTS1100R-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACDBTS1100R-HF Datasheet HTML 1Page - Comchip Technology ACDBTS1100R-HF Datasheet HTML 2Page - Comchip Technology ACDBTS1100R-HF Datasheet HTML 3Page - Comchip Technology ACDBTS1100R-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig.1 - Forward Characteristics
0
0.4
0.2
Forward Voltage, (V)
10
100
20000
0.8
0.6
Mounting on glass epoxy PCBs
0
25
50
75
100
150
0
20
40
60
80
100
120
Fig.4 - Current Derating Curves
Ambient Temperature, (°C)
Typical Rating and Characteristic Curves (ACDBTS1100R-HF)
0
0
Fig.3 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
20
60
60
80
40
20
SMD Schottky Barrier Diode
0
Fig.2 - Reverse Characteristics
Reverse Voltage, (V)
100
10000
0.01
100
1
10
20
1000
125
40
100
40
0.1
Comchip Technology CO., LTD.
Page 2
80
100
1000
1.0
1.2
1.6
10000
1.4
TJ=25°C
50°C
75°C
85°C
100°C
125°C
150°C
60
80
TJ=25°C
50°C
75°C
85°C
100°C
125°C
150°C
AQW-G1024
REV:A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com