Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S01331DBDAB Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # S01331DBDAB
Description  S01 RTD & Thermocouple Inserts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S01331DBDAB Datasheet(HTML) 2 Page - Ashcroft, Inc.

  S01331DBDAB Datasheet HTML 1Page - Ashcroft, Inc. S01331DBDAB Datasheet HTML 2Page - Ashcroft, Inc. S01331DBDAB Datasheet HTML 3Page - Ashcroft, Inc. S01331DBDAB Datasheet HTML 4Page - Ashcroft, Inc. S01331DBDAB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks a of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S01_RTD_Thermo_Insert_ds_RevB_03-30-23
ashcroft.com
| 1.800.328.8258 | Contact Us
OPTIONAL APPROVALS
FM Intrinsically safe:
Class I, Division 1, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
FM Nonincedive:
Class I, Division 2, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ +80 °C
T5 for Ashcroft Series: 55 °C ≤ Ta ≤ 55 °C
T6 for Ashcroft Series: 55 °C ≤ Ta ≤ 40 °C
ATEX or IECEx:
ATEX or IECEx
II 1 G Ex ia IIC T6 Ga -50 °C to 60 °C
II 2 G Ex ib IIC T6 Gb -50 °C to 60 °C
II 2 G Ex e IIC T6 Gb -55 °C to 60 °C
S01 RTD & Thermocouple Inserts
of 5
2
S01 RTD & Thermocouple Inserts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com