Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIPER53ESPTR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER53ESPTR-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53ESPTR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER53ESPTR-E Datasheet HTML 3Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 4Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 5Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 6Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 7Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 8Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 9Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 10Page - STMicroelectronics VIPER53ESPTR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
VIPer53EDIP - E / VIPer53ESP - E
Pin connections and function
DocRev1
7/31
3
Pin connections and function
Figure 1.
Pin connection (top view)
Figure 2.
Current and voltage conventions
Table 10.
Pin function
Pin Name
Pin Function
VDD
Power supply of the control circuits. Also provides the charging current of the external
capacitor during start-up.
The functions of this pin are managed by four threshold voltages:
- VDDon: Voltage value at which the device starts switching (Typically 11.5 V).
- VDDoff: Voltage value at which the device stops switching (Typically 8.4 V).
- VDDovp: Triggering voltage of the overvoltage protection (Trimmed to 18 V).
SOURCE
Power MOSFET source and circuit ground reference.
DRAIN
Power MOSFET drain. Also used by the internal high voltage current source during
the start-up phase, to charge the external VDD capacitor.
COMP
Allows the setting of the dynamic characteristic of the converter through an external
passive network. The useful voltage range extends from 0.5V to 4.5V. The Power
MOSFET is always off below 0.5V, and the overload protection is triggered if the
voltage exceeds 4.35V. This action is delayed by the timing capacitor connected to the
TOVL pin.
TOVL
Allows the connection of an external capacitor for delaying the overload protection,
which is triggered by a voltage on the COMP pin higher than 4.4V.
OSC
Allows the setting of the switching frequency through an external Rt-Ct network.
SOURCE
TOVL
COMP
VDD
NC
DRAIN
SOURCE
1
5
4
8
7
6
2
3
OSC
1
2
3
4
5
10
9
8
7
6
VDD
TOVL
NC
NC
NC
OSC
COMP
NC
NC
SOURCE
DRAIN
DIP-8
PowerSO-10
15V
VDD
OSC
DRAIN
SOURCE
COMP
TOVL
I
DD
V
DD
I
OSC
V
OSC
I
TOVL
V
TOVL
I
COMP
V
COMP
I
D
V
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com