Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T35AV-10PC1F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48T35AV-10PC1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC1F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48T35AV-10PC1F Datasheet HTML 10Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 11Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 12Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 13Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 14Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 15Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 16Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 17Page - STMicroelectronics M48T35AV-10PC1F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
M48T35AY, M48T35AV
14/25
VCC Noise And Negative Going Transients
ICC transients, including those produced by output
switching, can produce voltage fluctuations, re-
sulting in spikes on the VCC bus. These transients
can be reduced if capacitors are used to store en-
ergy which stabilizes the VCC bus. The energy
stored in the bypass capacitors will be released as
low going spikes are generated or energy will be
absorbed when overshoots occur. A bypass ca-
pacitor value of 0.1µF (as shown in Figure 13) is
recommended in order to provide the needed fil-
tering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate neg-
ative voltage spikes on VCC that drive it to values
below VSS by as much as one volt. These negative
spikes can cause data corruption in the SRAM
while in battery backup mode. To protect from
these voltage spikes, it is recommended to con-
nect a schottky diode from VCC to VSS (cathode
connected to VCC, anode to VSS). Schottky diode
1N5817 is recommended for through hole and
MBRS120T3 is recommended for surface mount.
Figure 13. Supply Voltage Protection
AI02169
VCC
0.1
µF
DEVICE
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com