Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T35AV-10PH1F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T35AV-10PH1F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PH1F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T35AV-10PH1F Datasheet HTML 9Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 10Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 11Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 12Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 13Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 14Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 15Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 16Page - STMicroelectronics M48T35AV-10PH1F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
M48T35AY, M48T35AV
Figure 11. Crystal Accuracy Across Temperature
Figure 12. Clock Calibration
AI02124
-80
-60
-100
-40
-20
0
20
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
∆F
= -0.038
(T - T
0)
2
± 10%
F
ppm
C
2
T
0 = 25 °C
ppm
°C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com