Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BE2M1 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 88Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 89Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 90Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 91Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 92Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 93Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 94Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 95Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
92/145
I²C bus interface (Cont’d)
12.5.5 Low power modes
12.5.6 Interrupts
Figure 46. Event flags and interrupt generation
The I²C interrupt events are connected to the
same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding
Enable Control Bit is set and the I-bit in the CC
register is reset (RIM instruction).
Mode
Description
Wait
No effect on I²C interface.
I²C interrupts cause the device to exit from Wait mode.
Halt
I²C registers are frozen.
In Halt mode, the I²C interface is inactive and does not acknowledge data on the bus. The I²C
interface resumes operation when the MCU is woken up by an interrupt with “exit from Halt
mode” capability.
Interrupt event
Event
flag
Enable
control
bit
Exit
from
Wait
Exit
from
Halt
End of byte Transfer event
BTF
ITE
Yes
No
Address Matched event (Slave mode)
ADSL
Yes
No
Start Bit Generation event (Master mode)
SB
Yes
No
Acknowledge Failure event
AF
Yes
No
Stop Detection event (Slave mode)
STOPF
Yes
No
Arbitration Lost event (Multimaster configuration)
ARLO
Yes
No
Bus Error event
BERR
Yes
No
BTF
ADSL
SB
AF
STOPF
ARLO
BERR
EVF
INTERRUPT
ITE
*
* EVF can also be set by EV6 or an error from the SR2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com