Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GL852 Datasheet(PDF) 3 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 3 Page - GENESYS LOGIC

  GL852 Datasheet HTML 1Page - GENESYS LOGIC GL852 Datasheet HTML 2Page - GENESYS LOGIC GL852 Datasheet HTML 3Page - GENESYS LOGIC GL852 Datasheet HTML 4Page - GENESYS LOGIC GL852 Datasheet HTML 5Page - GENESYS LOGIC GL852 Datasheet HTML 6Page - GENESYS LOGIC GL852 Datasheet HTML 7Page - GENESYS LOGIC GL852 Datasheet HTML 8Page - GENESYS LOGIC GL852 Datasheet HTML 9Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 3
Revision History
Revision
Date
Description
1.00
07/07/2005
First Formal release
1.01
09/07/2005
Modify Pin Description, table3.3, p.12
1.02
09/15/2005
Modify HUB Interface ,table3.3 Pin Description, p.12
1.03
12/28/2005
Modify Pin List and Pin Descriptions of EE_CS, EE_DI, EE_SK, p.11~12
1.04
01/19/2006
Add AC Characteristics, Ch6.5, p.26
1.05
03/29/2006
Add
Input Voltage for digital I/O(Ovcur1-4,Pself,Reset) pins, p.23
1.06
06/15/2006
Changed GL852-N to GL852
1.GL852 48 Pin Pinout, Pin List, Pin Description, p.10~13
Add GL852 QFN 48PIN
1.07
07/18/2006
Modify GL852 48 Pin QFN Package, p.30
1.08
09/05/2006
Modify Clock and Reset Interface of GL852 48 pin to 64 pin, p.14
1.09
11/03/2006
Modify 93C46 Configuration, Table 5.1, p.22
1.10
12/08/2006
Modify General Description, Ch1, p.7
1.11
03/12/2007
Modify RESET# Setting, Ch5.2.1, p.18
1.12
05/03/2007
Add “TJ” , Table 6.2, p.24
1.13
05/16/2007
Add
“θ
JA
”, Table 6.2, p.24
1.14
07/19/2007
Modify PGANG/SUSPND Setting, Ch5.2.2, p.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com