Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5098T Datasheet(PDF) 60 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 56Page - STMicroelectronics STW5098T Datasheet HTML 57Page - STMicroelectronics STW5098T Datasheet HTML 58Page - STMicroelectronics STW5098T Datasheet HTML 59Page - STMicroelectronics STW5098T Datasheet HTML 60Page - STMicroelectronics STW5098T Datasheet HTML 61Page - STMicroelectronics STW5098T Datasheet HTML 62Page - STMicroelectronics STW5098T Datasheet HTML 63Page - STMicroelectronics STW5098T Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
Operative ranges
STw5098
60/85
9.3
Power dissipation
Unless otherwise specified, VCCP =VCCLS =VCCA = 2.7V to 3.3V, VCCIO =VCC = 1.71V to
2.7V, Tamb = -30°C to 85°C, all analog outputs not loaded; typical characteristics are
specified at VCCIO =VCC = 1.8V, VCCP =VCCLS =VCCA =2.7V, Tamb =25°C.
9.4
Typical power dissipation by entity
Tamb = 25°C; Analog Supply: VCCP =VCCLS =VCCA =2.7V;
digital supply: VCCIO =VCC =1.8V.
Full scale signal in every path, 20k
Ω load at analog outputs.
No master clock
Table 36.
Power dissipation
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POFF
Power Down Dissipation
No Master Clock
AMCK=13MHz
0.8
5.8
µW
µW
PAD
Stereo ADC power
52.6
mW
PDA
Stereo DAC power
46.6
mW
PDAAD
Stereo ADC+DAC power
93.8
mW
PAA
Stereo Analog Path power
27.6
mW
Table 37.
Typical power dissipation, no master clock
N.
Function
CR0-CR2
setting
Other settings
Supply
Current
Power
1
Power Down
CR0=0x00
CR1=0x00
CR2=0x00
Analog:
Digital:
Total:
0.02
µA
0.20
µA
0.05
µW
0.36
µW
0.41
µW
2
Stereo analog path
(Mic-LO)
CR0=0xD0
CR1=0x0C
CR2=0xC0
MICLO=1
MICSEL=2
Analog:
Digital:
Total:
4.3 mA
2.0
µA
11.6 mW
0.0 mW
11.6 mW
3
Stereo analog path
(Mic-Mixer-LO)
CR0=0xD0;
CR1=0x0C;
CR2=0xC3
MIXMIC=1
MICSEL=2
Analog:
Digital:
Total:
5.4 mA
2.0
µA
14.6 mW
0.0 mW
14.6 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com