Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5098BBLT Datasheet(PDF) 61 Page - STMicroelectronics

Part # STW5098BBLT
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLT Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STW5098BBLT Datasheet HTML 57Page - STMicroelectronics STW5098BBLT Datasheet HTML 58Page - STMicroelectronics STW5098BBLT Datasheet HTML 59Page - STMicroelectronics STW5098BBLT Datasheet HTML 60Page - STMicroelectronics STW5098BBLT Datasheet HTML 61Page - STMicroelectronics STW5098BBLT Datasheet HTML 62Page - STMicroelectronics STW5098BBLT Datasheet HTML 63Page - STMicroelectronics STW5098BBLT Datasheet HTML 64Page - STMicroelectronics STW5098BBLT Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
STw5098
Operative ranges
61/85
Master clock AMCK = 13 MHz
Table 38.
Typical power dissipation with master clock AMCK = 13 MHz
N.
Function
CR0-CR2
setting
Other settings
Supply
Current
Power
4
Power Down
CR0=0x00
CR1=0x00
CR2=0x00
Analog:
Digital:
Total:
0.02
µA
2.20
µA
0.05
µW
3.96
µW
4.01
µW
5Stereo ADC
CR0=0xE8
CR1=0xCC
CR2=0x00
MICSEL=1
ADMIC=1
Analog:
Digital:
Total:
7.9 mA
2.8 mA
21.3 mW
5.0 mW
26.3 mW
6Stereo DAC
CR0=0xE8
CR1=0x30
CR2=0x33
MIXDAC=1
Analog:
Digital:
Total:
6.1 mA
3.8 mA
16.5 mW
6.8 mW
23.3 mW
7
Stereo analog path
(Mic-LO)
CR0=0xE8
CR1=0x0C
CR2=0xC0
MICLO=1
MICSEL=2
Analog:
Digital:
Total:
4.8 mA
0.8 mA
13.0 mW
1.4 mW
13.8 mW
8
Stereo ADC
Stereo DAC
CR0=0xE8
CR1=0xFC
CR2=0x33
MICSEL=2
ADMIC=1
MIXDAC=1
Analog:
Digital:
Total:
13.5 mA
5.8 mA
36.5 mW
10.4 mW
46.9 mW
9
Stereo ADC
Stereo DAC
Stereo analog path
CR0=0xE8
CR1=0xFF
CR2=0xF3
LINSEL=2; MICSEL=2
ADLIN=1;MIXDAC=1
MICLO=1
Analog:
Digital:
Total:
15.2 mA
5.8 mA
41.0 mW
10.4 mW
51.4 mW
10
Voice TX+RX
CR0=0xE8
CR1=0xA8
CR2=0x06
MICSEL=2;
LSMODE=2
ADMIC=1 MIXDAC=1
ADVOICE=1
DAVOICE=1
VCCA,VCCP:
VCCLS:
Digital
Total:
6.8 mA
1.3 mA
2.5 mA
18.4 mW
5.5 mW
4.5 mW
28.4 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com