| Electronic Components Datasheet Search |
|
TSM1052 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM1052 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 15 page ![]() Application information TSM1052 10/15 Figure 16. Output voltage versus output current 4.3 Compensation The voltage control transconductance operational amplifier can be fully compensated. Both of its output and negative input are directly accessible for external compensation components. An example of a suitable compensation network is shown in Figure 15. It consists of a capacitor CVC1 = 2.2nF and a resistor RCV1 = 470KΩ in series. The current-control transconductance operational amplifier can be fully compensated. Both its output and negative input are directly accessible for external compensation components. An example of a suitable compensation network is shown in Figure 15. It consists of a capacitor CIC1 = 2.2nF and a resistor RIC1 = 22KΩ in series. In order to increase the stability of the application it is suggested to add a resistor in series with the optocoupler. An example of a suitable RLED value could be 330Ω in series with the optocoupler. 4.4 Start up and short circuit conditions Under start-up or short-circuit conditions if the device is supplied from SMPS output and the output voltage is lower than Vcc minimum the current regulation is not guaranteed. Therefore, the current limitation can only be ensured by the primary PWM module, which should be chosen accordingly. If the primary current limitation is considered not to be precise enough for the application, then a sufficient supply for the device has to be ensured under any condition. It would then be necessary to add some circuitry to supply the chip with a separate power line. This can be achieved in numerous ways, including an additional winding on the transformer. The following schematic shows how to realize a low-cost power supply for the device (with no additional windings). Vout Iout Voltage regulation Current regulation (Vcc of the device independent of output voltage) Vout Iout Voltage regulation Current regulation (Vcc of the device independent |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |