| Electronic Components Datasheet Search |
|
M93C56-DS6G/S Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C56-DS6G/S Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 38 page ![]() M93C86, M93C76, M93C66, M93C56, M93C46 DC and AC parameters 21/38 11 DC and AC parameters This section summarizes the operating and measurement conditions, and the dc and ac characteristics of the device. The parameters in the dc and ac characteristic tables that follow are derived from tests performed under the measurement conditions summarized in the relevant tables. Designers should check that the operating conditions in their circuit match the measurement conditions when relying on the quoted parameters. Table 9. Operating conditions (M93Cx6) Symbol Parameter Min. Max. Unit VCC Supply voltage 4.5 5.5 V TA Ambient operating temperature (device grade 6) –40 85 °C Ambient operating temperature (device grade 3) –40 125 °C Table 10. Operating conditions (M93Cx6-W) Symbol Parameter Min. Max. Unit VCC Supply voltage 2.5 5.5 V TA Ambient operating temperature (device grade 6) –40 85 °C Ambient operating temperature (device grade 3) –40 125 °C Table 11. Operating conditions (M93Cx6-R) Symbol Parameter Min. Max. Unit VCC Supply voltage 1.8 5.5 V TA Ambient operating temperature (device grade 6) –40 85 °C Table 12. AC measurement conditions (M93Cx6)(1) 1. Output Hi-Z is defined as the point where data out is no longer driven. Symbol Parameter Min. Max. Unit CL Load capacitance 100 pF Input rise and fall times 50 ns Input pulse voltages 0.4 V to 2.4 V V Input timing reference voltages 1.0 V and 2.0 V V Output timing reference voltages 0.8 V and 2.0 V V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |