Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN754 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN754
Description  Understanding Microchip?셲 CAN Module Bit Timing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN754 Datasheet(HTML) 1 Page - Microchip Technology

  AN754 Datasheet HTML 1Page - Microchip Technology AN754 Datasheet HTML 2Page - Microchip Technology AN754 Datasheet HTML 3Page - Microchip Technology AN754 Datasheet HTML 4Page - Microchip Technology AN754 Datasheet HTML 5Page - Microchip Technology AN754 Datasheet HTML 6Page - Microchip Technology AN754 Datasheet HTML 7Page - Microchip Technology AN754 Datasheet HTML 8Page - Microchip Technology AN754 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 2001 Microchip Technology Inc.
DS00754A-page 1
M
AN754
INTRODUCTION
The Controller Area Network (CAN) protocol is an
asynchronous serial bus with Non-Return to Zero
(NRZ) bit coding designed for fast, robust communica-
tions in harsh environments, such as automotive and
industrial applications. The CAN protocol allows the
user to program the bit rate, the sample point of the bit,
and the number of times the bit is sampled. With these
features, the network can be optimized for a given
application.
There are relationships between bit timing parameters,
the physical bus propagation delays, and the oscillator
tolerances throughout the system. This application
note investigates these relationships as they pertain to
Microchip’s CAN module and assists in optimizing the
bit timing for given physical system attributes.
THE CAN BIT TIME
The CAN bit time is made up of non-overlapping seg-
ments. Each of these segments are made up of integer
units called Time Quanta (TQ) and are explained later
in this application note. The Nominal Bit Rate (NBR) is
defined in the CAN specification as the number of bits
per second transmitted by an ideal transmitter with no
resynchronization and can be described with the
equation:
Nominal Bit Time
The Nominal Bit Time (NBT), or tbit, is made up of non-
overlapping segments (Figure 1), therefore, the NBT is
the summation of the following segments:
Associated with the NBT are the Sample Point, Syn-
chronization Jump Width (SJW), and Information Pro-
cessing Time (IPT), which are explained later.
SYNCHRONIZATION SEGMENT
The Synchronization Segment (SyncSeg) is the first
segment in the NBT and is used to synchronize the
nodes on the bus. Bit edges are expected to occur
within the SyncSeg. This segment is fixed at 1TQ.
PROPAGATION SEGMENT
The Propagation Segment (PropSeg) exists to com-
pensate for physical delays between nodes. The prop-
agation delay is defined as twice the sum of the signal’s
propagation time on the bus line, including the delays
associated with the bus driver. The PropSeg is pro-
grammable from 1 - 8TQ.
PHASE SEGMENT 1 AND PHASE SEGMENT 2
The two phase segments, PS1 and PS2 are used to
compensate for edge phase errors on the bus. PS1 can
be lengthened or PS2 can be shortened by resyncroni-
zation. PS1 is programmable from 1 - 8TQ and PS2 is
programmable from 2 - 8TQ.
FIGURE 1:
CAN BIT TIME SEGMENTS
Author:
Pat Richards
Microchip Technology Inc.
NBR
fbit
1
tbit
-------
==
tbit
tSyncSeg tPropSeg tPS1 tPS2
++
+
=
Nominal Bit Time (NBT), tbit
Sample
Point
SyncSeg
PropSeg
PhaseSeg1 (PS1)
PhaseSeg2 (PS2)
Understanding Microchip’s CAN Module Bit Timing


Similar Part No. - AN754

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AN75 DIODES-AN75 Datasheet
552Kb / 12P
High Power Factor LED Replacement T8 Fluorescent Tube
JANUARY 2011
logo
Panasonic Semiconductor
AN7500FHQ PANASONIC-AN7500FHQ Datasheet
144Kb / 16P
aUDIO SIGNAL PROCESSING ic FOR 1.5 v HEADPHONE STEREO
AN7504SB PANASONIC-AN7504SB Datasheet
228Kb / 13P
Pre-amp. and power amp. IC for 1.5 V headphone stereo
AN7510 PANASONIC-AN7510 Datasheet
278Kb / 25P
BTL Audio Power IC
AN7510S PANASONIC-AN7510S Datasheet
278Kb / 25P
BTL Audio Power IC
More results

Similar Description - AN754

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
Synchronous Timing Module
logo
Tyco Electronics
VTM3 MACOM-VTM3 Datasheet
229Kb / 1P
Interval Timing Module
logo
AVX Corporation
TACK474M010PTA AVX-TACK474M010PTA Datasheet
114Kb / 3P
Standard Microchip
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
Standard Microchip
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
Standard Microchip
logo
IXYS Corporation
AN-140 IXYS-AN-140 Datasheet
278Kb / 10P
Understanding LITELINK??II
AN-155 IXYS-AN-155 Datasheet
133Kb / 3P
Understanding LITELINK?
logo
Fairchild Semiconductor
AN-7500 FAIRCHILD-AN-7500 Datasheet
113Kb / 5P
Understanding Power MOSFETs
logo
Xilinx, Inc
WP433 XILINX-WP433 Datasheet
302Kb / 8P
Understanding and Mitigating
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com