Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8820IBDBR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8820IBDBR
Description  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8820IBDBR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8820IBDBR Datasheet HTML 9Page - Texas Instruments DAC8820IBDBR Datasheet HTML 10Page - Texas Instruments DAC8820IBDBR Datasheet HTML 11Page - Texas Instruments DAC8820IBDBR Datasheet HTML 12Page - Texas Instruments DAC8820IBDBR Datasheet HTML 13Page - Texas Instruments DAC8820IBDBR Datasheet HTML 14Page - Texas Instruments DAC8820IBDBR Datasheet HTML 15Page - Texas Instruments DAC8820IBDBR Datasheet HTML 16Page - Texas Instruments DAC8820IBDBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
OPA277
V
DD
V
DD
+15 V
U2
GND
R
OFS
R
FB
V
OUT
I
OUT
V
REF
V+
−15 V
V−
U1
DAC8820
t
WR
t
DS
t
DH
t
LWD
t
LDAC
t
RST
WR
DATA
LDAC
RST
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
THEORY OF OPERATION (continued)
Figure 39. Voltage Output Configuration
Figure 40. DAC8820 Timing Diagram
Table 1. Function of Control Inputs
CONTROL INPUTS
RST
WR
LDAC
REGISTER OPERATION
Asynchronous operation. Reset the input and DAC register to a predetermined value. The DAC8820
0
X
X
is reset to all 0s.
1
0
0
Load the input register with all 16 data bits.
1
1
1
Load the DAC register with the contents of the input register.
1
0
1
The input and DAC register are transparent.
LDAC and WR are tied together and programmed as a pulse. The 16 data bits are loaded into the
1
input register on the falling edge of the pulse and then loaded into the DAC register on the rising
edge of the pulse.
1
1
0
No register operation.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com