Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GA-B-RX-3500-2S1P-EC3 Datasheet(PDF) 1 Page - AG Electronica

Part # GA-B-RX-3500-2S1P-EC3
Description  GEN ACE BATERIA LIPO 2S 3500MAH RX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

GA-B-RX-3500-2S1P-EC3 Datasheet(HTML) 1 Page - AG Electronica

  GA-B-RX-3500-2S1P-EC3 Datasheet HTML 1Page - AG Electronica GA-B-RX-3500-2S1P-EC3 Datasheet HTML 2Page - AG Electronica GA-B-RX-3500-2S1P-EC3 Datasheet HTML 3Page - AG Electronica GA-B-RX-3500-2S1P-EC3 Datasheet HTML 4Page - AG Electronica GA-B-RX-3500-2S1P-EC3 Datasheet HTML 5Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GA-B-RX-3500-2S1P-EC3: GEN ACE BATERIA LIPO
2S 3500MAH RX
Descripción:
Gens Ace 3500mAh 7.4V RX 2S1P es una batería LiPo para Ubata (Sistema de
Radio Computarizado 18Mz-18 Canales, 2.4 GHz). Estas baterías proporcionan
una larga vida útil y un alto rendimiento, siendo el mejor para tu transmisor RC.
Especificaciones Técnicas:
Conector de Balance: JST-XH
Conector de Descarga: EC3
Capacidad (mAh) 3500
Configuración (s)
2
Descarga (c)
2
Peso (g)
142
Longitud - A (mm)
97
Altura – B (mm)
16
Anchura – C (mm)
45
http://www.agelectronica.com
http://www.agelectronica.com


Similar Part No. - GA-B-RX-3500-2S1P-EC3

ManufacturerPart #DatasheetDescription
logo
AG Electronica
GA-B-45C-1300-2S1P-DEANS AGELECTRONICA-GA-B-45C-1300-2S1P-DEANS Datasheet
980Kb / 7P
Batería de Tecnología Li-Po 7.4V/1300mAh
29/06/2018
GA-B-45C-5000-5S1P-DEANS AGELECTRONICA-GA-B-45C-5000-5S1P-DEANS Datasheet
246Kb / 5P
GENS ACE BATERIA LIPO 5S 5000MAH 45C
12/10/2018
GA-B-50C-5000-2S1P-HARD10 AGELECTRONICA-GA-B-50C-5000-2S1P-HARD10 Datasheet
547Kb / 5P
Batería de Tecnología Li-Po Hard10 7.4V/5000mAh/2S1P
8/11/2018
More results

Similar Description - GA-B-RX-3500-2S1P-EC3

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P18-2S FERROXCUBE-CP-P18-2S Datasheet
39Kb / 1P
CP-P18-2S
CP-P22-2S FERROXCUBE-CP-P22-2S Datasheet
39Kb / 1P
CP-P22/13-2S
CPP-P49-2S-A FERROXCUBE-CPP-P49-2S-A Datasheet
32Kb / 1P
CPP-P29-2S-A
logo
KEC(Korea Electronics)
GBL2J KEC-GBL2J Datasheet
20Kb / 1P
GBL(2S) PACKAGE
logo
Adels-Contact
151482 ADELS-151482 Datasheet
118Kb / 1P
160 BU/ 2s
30/12/2019
logo
SparkFun Electronics
PRT-10217 SPARKFUN-PRT-10217 Datasheet
99Kb / 1P
SparkFun LiPo Charger Basic - Micro-USB
10/9/2015
PRT-10401 SPARKFUN-PRT-10401 Datasheet
103Kb / 1P
SparkFun LiPo Charger Basic - Mini-USB
10/9/2015
PRT-14380 SPARKFUN-PRT-14380 Datasheet
115Kb / 2P
SparkFun Adjustable LiPo Charger
PRT-14411 SPARKFUN-PRT-14411 Datasheet
94Kb / 2P
SparkFun LiPo Charger/Booster ??5V/1A
PRT-15217 SPARKFUN-PRT-15217 Datasheet
152Kb / 2P
SparkFun LiPo Charger Plus
6??2??9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com