Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0830CSSM11SMKA1-CP2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AR0830CSSM11SMKA1-CP2
Description  1/2.9-inch 8 MP CMOS Digital Image Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0830CSSM11SMKA1-CP2 Datasheet(HTML) 2 Page - ON Semiconductor

  AR0830CSSM11SMKA1-CP2 Datasheet HTML 1Page - ON Semiconductor AR0830CSSM11SMKA1-CP2 Datasheet HTML 2Page - ON Semiconductor AR0830CSSM11SMKA1-CP2 Datasheet HTML 3Page - ON Semiconductor AR0830CSSM11SMKA1-CP2 Datasheet HTML 4Page - ON Semiconductor AR0830CSSM11SMKA1-CP2 Datasheet HTML 5Page - ON Semiconductor AR0830CSSM11SMKA1-CP2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AR0830
www.onsemi.com
2
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Value
Optical Format
1/2.9-inch 8 MP (16:9)
Active Pixels
3840 x 2160
Pixel Size
1.4 mm Back Side Illuminated (BSI),
Chief Ray Angle (CRA)
11, 35
Color Filter Array
RGB Bayer, RGB-IR, Monochrome
Input Clock Frequency
6-48 MHz
Interface
4-lane MIPI (1- and 2-lane supported) using D-PHY; Max data rate: 1.5 Gbps/lane
ADC Resolution
10-bits, on die
Gain Control: Gain Table
Linear Mode: 0−53.6 dB total (Analog 0−27.3 dB, Digital 0−26.3 dB)
Subsampling
Subsampling: Skipping (RGB, Mono), Binning (RGB), Summing (Mono) (Note 2)
Temperature Sensor
10-bit, controlled by two-wire serial I/F
Frame Rate
Full Size, Linear
Mode
60 fps (MIPIx4), 30 fps (MIPIx2)
Compression
DPCM: 10−8
3D Support
Frame rate and exposure synchronization
Supply Volt-
age
Analog, Pixel
2.8 V (2.7 V < Vsupply < 2.9 V)
I/O
1.8 V (1.7 V < Vsupply < 1.9 V)
PLL, MIPIphy
1.05 V (1 V < Vsupply < 1.1 V)
Power Consumption
190 mW (Typical condition) at 8M and 60 fps
Responsivity
17.3 ke−/lux−sec (Clear in Mono)
8.0 ke−/lux−sec (Green in RGB−IR)
8.7 ke−/lux-sec (Green in RGB)
SNRMAX
39.9 dB
Dynamic Range
100 dB (LI-HDR Mode)
73 dB (eDR 1-exp)
Operating Temperature Range (at
junction) − TJ
−30C to +85C
Optimal Performance Temperature
Range (at junction) − TJ
0C to +60C
Package Options:
CSP-59 (6.42 mm x 3.92 mm)
qJA
30C/W (Note 1)
qJB
6C/W
1. qJA is dependent on the customer module design and should not be used for calculating junction temperature.
2. Subsampling modes are not available for AR0830 RGBIR sensors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com