Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ARX383CSSM28SMKA0-CP2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ARX383CSSM28SMKA0-CP2
Description  1/8-inch 0.3 MP CMOS Digital Image Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARX383CSSM28SMKA0-CP2 Datasheet(HTML) 1 Page - ON Semiconductor

  ARX383CSSM28SMKA0-CP2 Datasheet HTML 1Page - ON Semiconductor ARX383CSSM28SMKA0-CP2 Datasheet HTML 2Page - ON Semiconductor ARX383CSSM28SMKA0-CP2 Datasheet HTML 3Page - ON Semiconductor ARX383CSSM28SMKA0-CP2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2020
August, 2024 − Rev. 4
1
Publication Order Number:
ARX383CS−PD/D
1/8-inch 0.3 MP CMOS
Digital Image Sensor with
Global Shutter
ARX383CS
Description
The ARX383CS is a 1/8−inch CMOS digital image sensor with an
active−pixel array of 640 (H) x 480 (V). It incorporates a new
innovative global shutter pixel design optimized for accurate and fast
capture of moving scenes. The sensor produces clear, low noise
images in both low−light and bright scenes. It includes sophisticated
camera functions such as auto exposure control, windowing, row skip
mode, column−skip mode, pixel−binning, pixel−summing and both
video and single frame modes. It is programmable through a simple
two−wire serial interface. The ARX383CS produces extraordinarily
clear, sharp digital pictures, and its ability to capture both continuous
video and single frames makes it the perfect choice for a wide range of
applications, including scanning and industrial inspection.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/8−inch (2.24 mm)
Active Pixels
640 (H) x 480 (V), not including 8
border pixels on each side
Pixel Size
2.8 mm
Color Filter Array
Monochrome
Chief Ray Angle
0 or 28
Shutter Type
Global Shutter
Input Clock Range
10–48 MHz
Output Interface
8−bit/10−bit MIPI, 1−lane
Output Data Rate
Maximum Serial Output Data Rate
480 Mbps/lane
Frame Rate
Full Resolution
120 fps (10−bit)
Responsivity
Monochrome
41.9 ke−/lux*s
SNRMAX
37 dB
Dynamic Range
65.3 dB
Supply Voltage
I/O
Digital
Analog
1.8 V
1.2 V
2.8 V
Power Consumption (Typical)
80 mW, (640x480, 120 fps)
Operating Temperature
–30C to + 85C (Junction)
Optimal Performance Temperature
(0C < TJ < +60C)
Package Options
3.92  3.56 mm CSP−35
qJA: 49C/W (Note 1)
qJB: 17C/W
Bare Die
1. qJA is dependent on the customer module design and should not be used for
calculating junction temperature.
Features
 Superior Low−light and IR Performance
 1−lane 8−bit/10−bit MIPI
 Automatic Black Level Calibration (ABLC)
 Horizontal and Vertical Mirroring,
Windowing
 Subsampling: Vertical Summing, Horizontal
Binning, Skipping
 5 x 5 Statistics Engine for On−chip Auto
Exposure Control for Any Programmable
Region of Interest (ROI)
 Flexible Control for Row and Column Skip
Mode
 On−chip Trigger Mode for Synchronization
 Built in Flash Control
 Two On Chip Phase Lock Loop (PLL)
 Context Switching
 80 bytes One−time Programmable Memory
(OTPM)
Applications
 Bar Code Scanner
 Gesture Recognition
 3D Scanning
 Positional Tracking
 Iris Scanning
 Augmented Reality
 Virtual Reality
 Biometrics
 Machine Vision
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
Request Full Data Sheet
Non−NDA Data Sheet
Interested in what you see? If you would like
more detailed information, please request the
full version of our data sheet.


Similar Part No. - ARX383CSSM28SMKA0-CP2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ARX3A0 ONSEMI-ARX3A0 Datasheet
6Mb / 18P
RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
More results

Similar Description - ARX383CSSM28SMKA0-CP2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9J003 ONSEMI-MT9J003_16 Datasheet
1Mb / 77P
1/2.3-Inch 10 Mp CMOS Digital Image Sensor
Rev. E 5/15 EN
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_17 Datasheet
322Kb / 32P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com