Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1065BCUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1065BCUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065BCUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1065BCUI Datasheet HTML 3Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 4Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 5Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 9Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 10Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
NAME
MAX1065
MAX1066
MAX1065
MAX1066
FUNCTION
15
11
REFADJ
Reference Buffer Output. Bypass REFADJ with a 0.1µF capacitor to AGND for
internal reference mode. Connect REFADJ to AVDD to select external
reference mode.
16
12
REF
Reference Input/Output. Bypass REF with a 1µF capacitor to AGND for internal
reference mode. External reference input when in external reference mode.
17
—
RESET
Reset Input. Logic high resets the device.
—
13
HBEN
High Byte-Enable Input. Used to multiplex the 14-bit conversion result.
1: Most significant byte available on the data bus.
0: Least significant byte available on the data bus.
18
14
CS
Convert Start. The first falling edge of
CS powers up the device and enables
acquire mode when R/
C is low. The second falling edge of CS starts
conversion. The third falling edge of
CS loads the result onto the bus when R/C
is high.
19
15
DGND
Digital Ground
20
16
DVDD
Digital Supply Voltage. Bypass with a 0.1µF capacitor to DGND.
21
17
N.C.
D0/D8
No Connection. Do Not Connect (MAX1065).
Three-State Digital Data Output (MAX1066).
22
18
N.C.
D1/D9
No Connection. Do Not Connect (MAX1065).
Three-State Digital Data Output (MAX1066).
23
19
D0
D2/D10
Three-State Digital Data Output
24
20
D1
D3/D11
Three-State Digital Data Output
25
—
D2
—
Three-State Digital Data Output
26
—
D3
—
Three-State Digital Data Output
27
—
D4
—
Three-State Digital Data Output
28
—
D5
—
Three-State Digital Data Output
REFERENCE
OUTPUT
REGISTERS
CLOCK
SUCCESSIVE-
APPROXIMATION
REGISTER AND
CONTROL LOGIC
CAPACITIVE
DAC
MAX1065
MAX1066
14 OR 8*
14 OR 8*
REFADJ
REF
DGND
AGND
RESET**
AIN
AVDD
DVDD
R/C
CS
EOC
HBEN*
AGND
D0–D13
OR
D0/D8–D5/D13*
*BYTE WIDE (MAX1066 ONLY)
**16-BIT WIDE (MAX1065 ONLY)
5k
Ω
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com