Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
1-6
Freescale Semiconductor
Figure 1-1. MPC8280 Block Diagram
Both the system core and the CPM have an internal PLL, which allows independent optimization of the
frequencies at which they run. The system core and CPM are both connected to the 60x bus.
1.2.1
G2_LE Core
The G2_LE core is derived from the MPC603e microprocessor with power management modifications.
The core is a high-performance low-power implementation of the family of reduced instruction set
computer (RISC) microprocessors. The G2_LE core implements the 32-bit portion of the PowerPC
architecture, which provides 32-bit effective addresses, integer data types of 8, 16, and 32 bits. The G2_LE
cache provides snooping to ensure data coherency with other masters. This helps ensure coherency
between the CPM and system core.
The core includes 16 Kbytes of instruction cache and 16 Kbytes of data cache. It has a 64-bit
split-transaction external data bus, which is connected directly to the external MPC8280 pins.
16 Kbytes
G2_LE Core
I-Cache
I-MMU
16 Kbytes
D-Cache
D-MMU
Communication Processor Module (CPM)
Timers
Parallel I/O
Baud Rate
Generators
32 KB
32-bit RISC Microcontroller
and Program ROM
Serial
DMAs
4 Virtual
IDMAs
60x-to-PCI
Bridge
Bridge
Memory Controller
Clock Counter
System Functions
System Interface Unit
(SIU)
Local Bus
32 bits, up to 100 MHz
PCI Bus
32 bits, up to 66 MHz
or
MCC11
MCC2
FCC1
FCC2
FCC3
SCC1
SCC2
SCC3
SCC4/
SMC1
SMC2
SPI
I2C
Serial Interface2
3 MII or RMII
2 UTOPIA
Ports3
Ports
60x Bus
Microcode
IMA1
Data
Interrupt
Controller
Time Slot Assigner
TC Layer Hardware1
8 TDM Ports2
Non-Multiplexed
I/O
60x-to-Local
Bus Interface Unit
32 KB
Instruction
Notes:
1 MPC8280 only (not on MPC8270, the VR package, nor the ZQ package)
2 MPC8280 has 2 serial interface (SI) blocks and 8 TDM ports. MPC8270 and the VR and ZQ packages have
only 1 SI block and 4 TDM ports (TDM2[A–D]).
3 MPC8280, MPC8275VR, MPC8275ZQ only (not on MPC8270, MPC8270VR, nor MPC8270ZQ)
RAM
RAM
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com