Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
1-14
Freescale Semiconductor
The MPC8280 memory controller supports many types of memories, including EDO DRAM and
page-mode, pipeline SDRAM for efficient burst transfers.
1.7.1.2
Regional Office Router
Figure 1-4 shows a regional office router configuration.
Figure 1-4. Regional Office Router Configuration
In this application, the MPC8280 is connected to four TDM interfaces channelizing up to 128 channels.
Each TDM port supports 32–128 channels. If 128 channels are needed, each TDM port can be configured
to support 32 channels. This example has two MII ports for 10/100 BaseT LAN connections. In all the
examples, the SCC ports can be used for management.
1.7.1.3
LAN-to-WAN Bridge Router
Figure 1-5 shows a LAN-to-WAN router configuration, which is similar to the previous example.
Quad
T1
Framer
MII
Transceiver
MPC8280
TDM0
TDM3
10/100BaseT
60x Bus
SDRAM/DRAM/SRAM
Channelized Data
(up to 128 channels)
10/100BaseT
SMC/I2C/SPI/SCC
Slow
Comm
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com