Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 195 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 195 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 198Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 199Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-23
Figure 4-16 shows the SIMR_H register.
Figure 4-17 shows SIMR_L.
Note the following:
•
SCC/TC/MCC/FCC SIMR bit positions are not affected by their relative priority.
•
The user can clear pending register bits that were set by multiple interrupt events only by clearing
all unmasked events in the corresponding event register.
•
If an SIMR bit is masked at the same time that the corresponding SIPNR bit causes an interrupt
request to the core, the error vector is issued (if no other interrupts pending). Thus, the user should
always include an error vector routine, even if it contains only an rfi instruction. The error vector
cannot be masked.
01
23
45
67
89
10
11
12
13
14
15
Field PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PC8
PC9 PC10 PC11 PC12
PC13
PC14 PC15
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10C1C
16
17
18
19
20
21
22
23
24
28
29
30
31
Field
—
IRQ1 IRQ2 IRQ3 IRQ4 IRQ5 IRQ6 IRQ7
—
TMCNT
PIT
PCI
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10C1E
Figure 4-16. SIMR_H
0
1
2
3
4
5
6
7
8
9
10
11
12
13
15
Field FCC1 FCC2 FCC3
—
MCC11 MCC2
—
SCC1 SCC2 SCC3
SCC4
TC1
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10C20
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field I2C
SPI
RTT SMC1 SMC2 IDMA1 IDMA2 IDMA3 IDMA4 SDMA
—
TIMER1 TIMER2 TIMER3 TIMER4 —
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10C22
2 MPC8280 only. Reserved on the other devices.
Figure 4-17. SIMR_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com