Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8270 Datasheet(PDF) 252 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 252 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 248Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 256Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
6-10
Freescale Semiconductor
LSDCAS
LGPL3
PCI_MODCK_H3
Local bus SDRAM CAS—Output from the Local bus SDRAM controller. Should be connected to
the CAS inputs of the SDRAMs.
Local bus UPM general purpose line 3—This is one of six general purpose output lines from
UPM. The values and timing of this pin is programmed in the UPM.
PCI MODCK_H3—In PCI mode, defines the operating mode of internal clock circuits.
LGTA
LUPMWAIT
LGPL4
LPBS
Local bus GPCM TA—This input pin is used for transaction termination during GPCM operation.
Requires external pull up resistor for proper operation.
Local bus UPM wait—This is an input to the UPM. An external device may hold this pin high to
force the UPM to wait until the device is ready for the continuation of the operation.
Local bus UPM general purpose line 4—One of six general purpose output lines from UPM. The
values and timing of this pin is programmed in the UPM.
Local bus parity byte select—In systems in which the data parity is stored in a separate chip, this
output is used as the byte select for that chip.
LGPL5
PCI_MODCK
Local bus UPM general purpose line 5—This is one of six general purpose output lines from
UPM. The values and timing of this pin is programmed in the UPM.
PCI MODCK—In PCI mode, defines additional operating modes of internal clock circuits.
LWR
Local write—The local write pin is an output from the local bus memory controller. It is used to
distinguish between read and write transactions.
L_A14
PCI_PAR
Local bus address 14—Local bus address bit 14 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI parity—PCI parity input/output pin. Assertion of this pin indicates that odd parity is driven
across PCI_AD[31-0] and PCI_C/BE[3–0] during address and data phases. Negation of
PCI_PAR indicates that even parity is driven across the PCI_AD[31-0] and PCI_C/BE[3–0] during
address and data phases.
L_A15
SMI
PCI_FRAME
Local bus address 15—Local bus address bit 15 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
System management interrupt—System management interrupt input to the core.
PCI frame—PCI cycle frame input/output pin. Used by the current PCI master to indicate the
beginning and duration of an access. Driven by the MPC8280 when its PCI interface is the master
of the access. Otherwise, it is an input.
L_A16
PCI_TRDY
Local bus address 16—Local bus address bit 16 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI target ready—PCI target ready input/output pin. This pin is driven by the MPC8280 when its
PCI interface is the target of a PCI transfer. Assertion of this pin indicates that the PCI target is
ready to send or accept a data beat.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com