Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8270 Datasheet(PDF) 255 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 255 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
6-13
L_A28
PCI_RST
CORE_SRESET
Local bus address 28—Local bus address bit 28 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI reset—PCI reset output pin. When the MPC8280 is the host in the PCI system, PCI_RST is
an output.
Core system reset—This is an input to the core. When this input pin is asserted the core branches
to its reset vector.
L_A29
PCI_INTA
Local bus address 29—Local bus address bit 29 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI INTA—(output) When the MPC8280 is an agent of the PCI system, this pin is an output used
by the MPC8280 to signal an interrupt to the PCI host. (When the MPC8280 is the host in the PCI
system, the general IRQ pins are used for delivering PCI interrupts to the host.)
L_A30
PCI_REQ2
Local bus address 30—Local bus address bit 30 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
PCI arbiter request 2—PCI request 2 input pin. When the MPC8280’s internal PCI arbiter is used,
assertion of this pin indicates that an external PCI device is requesting the PCI bus.
L_A31
DLLOUT
Local bus address 31—Local bus address bit 31 output pin. In the local address bus bit 14 is most
significant and bit 31 is least significant.
DLL Clock Out—DLL output pin. This is the DLL output reference clock. See Figure 10-2 and
Figure 10-3.
LCL_D[0–31]
PCI_AD[31-0]
Local bus data—Local bus data input/output pins. In the local data bus bit 0 is most significant
and bit 31 is least significant.
PCI address/data—PCI bus address/data input/output pins. During an address phase
PCI_AD[31-0] contains a physical address, during a data phase PCI_AD[31-0] contains the data
bytes. In the PCI address/data bus, bit 31 is msb and bit 0 is lsb.
LCL_DP[0–3]
PCI_C/BE[3-0]
Local bus data parity—Local bus data parity input/output pins. In local bus write operations the
MPC8280 drives these pins. In local bus read operations the accessed device drives these pins.
LCL_DP[0] is driven with a value that gives odd parity with LCL_D[0–7]. LCL_DP[1] is driven with
a value that gives odd parity with LCL_D[8–15]. LCL_DP[2] is driven with a value that gives odd
parity with LCL_D[16–23]. LCL_DP[3] is driven with a value that gives odd parity with
LCL_D[24–31].
PCI command/byte enable—PCI command/byte enable input/output pins. The MPC8280 drives
these pins when it is the initiator of a PCI transfer. During an address phase the PCI_C/BE[3-0]
defines the command, during the data phase PCI_C/BE[3-0] defines the byte enables.
PCI_C/BE[3] is the msb and PCI_C/BE[0] is the lsb.
IRQ0
NMI_OUT
Interrupt request 0—This input is an external line that causes an MCP interrupt to the core.
Non-maskable interrupt output—This is an output driven from MPC8280’s internal interrupt
controller. Assertion of this output indicates that a non-maskable interrupt is pending in
MPC8280’s internal interrupt controller.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com