Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3405 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3405
Description  TOSHIBA Transistor Silicon NPN Triple Diffused Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3405 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3405 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3405 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3405
2010-02-05
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC3405
Switching Regulator and High Voltage Switching
Applications
High Speed DC-DC Converter Applications
• Excellent switching times: tr = 1.0 μs (max)
tf = 1.0 μs (max), (IC = 0.3 A)
• High collector breakdown voltage: VCEO = 800 V
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
900
V
Collector-emitter voltage
VCEO
800
V
Emitter-base voltage
VEBO
8
V
DC
IC
0.8
Collector current
Pulse
ICP
1.5
A
Base current
IB
0.2
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC3405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3405 TOSHIBA-2SC3405 Datasheet
182Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC3405 TOSHIBA-2SC3405 Datasheet
184Kb / 5P
Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC3405 KEXIN-2SC3405 Datasheet
43Kb / 1P
NPN Silicon Triple Diffused Transistor
logo
Toshiba Semiconductor
2SC3405 TOSHIBA-2SC3405 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC3405 ISC-2SC3405 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2552 TOSHIBA-2SC2552 Datasheet
163Kb / 2P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SC5716 TOSHIBA-2SC5716 Datasheet
137Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SD2525 TOSHIBA-2SD2525 Datasheet
188Kb / 4P
TOSHIBA TRANSTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SC5859 TOSHIBA-2SC5859 Datasheet
200Kb / 5P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC2073A TOSHIBA-2SC2073A_01 Datasheet
156Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SD1415AF TOSHIBA-2SD1415AF Datasheet
156Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com