Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7GEME4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7GEME4
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4 Datasheet(HTML) 5 Page - STMicroelectronics

  ST7GEME4 Datasheet HTML 1Page - STMicroelectronics ST7GEME4 Datasheet HTML 2Page - STMicroelectronics ST7GEME4 Datasheet HTML 3Page - STMicroelectronics ST7GEME4 Datasheet HTML 4Page - STMicroelectronics ST7GEME4 Datasheet HTML 5Page - STMicroelectronics ST7GEME4 Datasheet HTML 6Page - STMicroelectronics ST7GEME4 Datasheet HTML 7Page - STMicroelectronics ST7GEME4 Datasheet HTML 8Page - STMicroelectronics ST7GEME4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ST7GEME4
Introduction
5/28
1
Introduction
The ST7GEME4 device is a member of the ST7 microcontroller family designed for USB
applications. All devices are based on a common industry-standard 8-bit core, featuring an
enhanced instruction set.
The ST7GEME4 is factory-programmed ROM devices and as such are not
reprogrammable.
It operates at a 4 MHz external oscillator frequency.
Under software control, all devices can be placed in Halt mode, reducing power
consumption when the application is in idle or stand-by state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
The ST7GEME4 includes an ST7 Core, up to 16 Kbytes of program memory, up to 512
bytes of user RAM and the following on-chip peripherals:
USB full speed interface with 7 endpoints, programmable in/out configuration and
embedded 3.3 V voltage regulator and transceivers (no external components are
needed).
ISO 7816-3 UART interface with programmable baud rate from 372 clock pulses up to
11.625 clock pulses
Smartcard supply block able to provide programmable supply voltage and I/O voltage
levels to the smartcards
Low voltage reset ensuring proper power-on or power-off of the device (selectable by
option)
8-bit timer (TBU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com