Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7GEME4U1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7GEME4U1
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4U1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7GEME4U1 Datasheet HTML 14Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 15Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 16Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 17Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 18Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 19Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 20Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 21Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Electrical characteristics
ST7GEME4
18/28
4.4.2
Crystal resonator oscillators
The ST7 internal clock is supplied with one Crystal resonator oscillator. All the information
given in this paragraph are based on characterization results with specified typical external
components. In the application, the resonator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to minimize output distortion and start-up
stabilization time. Refer to the crystal resonator manufacturer for more details (frequency,
package, accuracy...).
Table 14.
Crystal resonator oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Oscillator Frequency(1)
MP: Medium power oscillator
4
MHz
RF
Feedback resistor
90
150
k
Ω
CL1
CL2
Recommended load
capacitances versus equivalent
serial resistance of the crystal
resonator (RS)
See Table 16
(MP oscillator)
22
56
pF
i2
OSCOUT driving current
VDD=5V, VIN=VSS (MP oscillator)
1.5
3.5
mA
1.
The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal resonator manufacturer for more details.
Table 15.
Typical crystal resonator characteristics
Oscillator
Reference
Freq.
Characteristic(1)
CL1
[pF]
CL2
[pF]
tSU(osc)
[ms](2)
MP
JAUCH
SS3-400-30-
30/30
4MHz
∆f
OSC=[±30ppm25°C,±30ppm
∆Ta],
Typ. RS=60Ω
33
33
7~10
1.
Resonator characteristics given by the crystal resonator manufacturer.
2.
tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8 V and the fetch of the first instruction (with a quick
VDD ramp-up from 0 to 5 V (<50 µs).
Table 16.
Recommended values for 4 MHz crystal resonator
Symbol
Min
Typ
Max
Unit
RSMAX
(1)
20
25
70
Ω
COSCIN
56
47
22
pF
COSCOUT
56
47
22
1.
RSMAX is the equivalent serial resistor of the crystal (see crystal specification).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com