Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64-W Datasheet(PDF) 40 Page - STMicroelectronics

Part # M24C64-W
Description  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-W Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M24C64-W Datasheet HTML 36Page - STMicroelectronics M24C64-W Datasheet HTML 37Page - STMicroelectronics M24C64-W Datasheet HTML 38Page - STMicroelectronics M24C64-W Datasheet HTML 39Page - STMicroelectronics M24C64-W Datasheet HTML 40Page - STMicroelectronics M24C64-W Datasheet HTML 41Page - STMicroelectronics M24C64-W Datasheet HTML 42Page - STMicroelectronics M24C64-W Datasheet HTML 43Page - STMicroelectronics M24C64-W Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Package information
M24C64-W M24C64-R M24C64-F M24C64-DF
40/54
DS6638 Rev 36
9.5
PDIP8 package information
Figure 24. PDIP8 – 8-pin plastic DIP, 0.25 mm lead frame, package outline
1. Drawing is not to scale.
2. Not recommended for new designs.
Table 25. PDIP8 – 8-pin plastic DIP, 0.25 mm lead frame, package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
5.33
-
-
0.2098
A1
0.38
-
-
0.0150
-
-
A2
2.92
3.30
4.95
0.1150
0.1299
0.1949
b
0.36
0.46
0.56
0.0142
0.0181
0.0220
b2
1.14
1.52
1.78
0.0449
0.0598
0.0701
c
0.20
0.25
0.36
0.0079
0.0098
0.0142
D
9.02
9.27
10.16
0.3551
0.3650
0.4000
E
7.62
7.87
8.26
0.3000
0.3098
0.3252
E1
6.10
6.35
7.11
0.2402
0.2500
0.2799
e
-
2.54
-
-
0.1000
-
eA
-
7.62
-
-
0.3000
-
eB
-
-
10.92
-
-
0.4299
L
2.92
3.30
3.81
0.1150
0.1299
0.1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com