| Electronic Components Datasheet Search |
|
M24C64-DFMC6TP/PF Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64-DFMC6TP/PF Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 54 page ![]() Instructions M24C64-W M24C64-R M24C64-F M24C64-DF 18/54 DS6638 Rev 36 5.1.3 Write Identification Page (M24C64-D only) The Identification Page (32 byte) is an additional page which can be written and (later) permanently locked in Read-only mode. It is written by issuing the Write Identification Page instruction. This instruction uses the same protocol and format as Page Write (into memory array), except for the following differences: • Device type identifier = 1011b • MSB address bits A15/A5 are don't care except for address bit A10 which must be ‘0’. LSB address bits A4/A0 define the byte address inside the Identification page. If the Identification page is locked, the data bytes transferred during the Write Identification Page instruction are not acknowledged (NoAck). 5.1.4 Lock Identification Page (M24C64-D only) The Lock Identification Page instruction (Lock ID) permanently locks the Identification page in Read-only mode. The Lock ID instruction is similar to Byte Write (into memory array) with the following specific conditions: • Device type identifier = 1011b • Address bit A10 must be ‘1’; all other address bits are don't care • The data byte must be equal to the binary value xxxx xx1x, where x is don't care 5.1.5 ECC (Error Correction Code) and Write cycling The ECC is offered only in devices identified with process letter K, all other devices (identified with a different process letter) do not embed the ECC logic. The Error Correction Code (ECC) is an internal logic function which is transparent for the I2C communication protocol. The ECC logic is implemented on each group of four EEPROM bytes(a). Inside a group, if a single bit out of the four bytes happens to be erroneous during a Read operation, the ECC detects this bit and replaces it with the correct value. The read reliability is therefore much improved. Even if the ECC function is performed on groups of four bytes, a single byte can be written/cycled independently. In this case, the ECC function also writes/cycles the three other bytes located in the same group(a). As a consequence, the maximum cycling budget is defined at group level and the cycling can be distributed over the 4 bytes of the group: the sum of the cycles seen by byte0, byte1, byte2 and byte3 of the same group must remain below the maximum value defined Table 14: Cycling performance. a.A group of four bytes is located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where N is an integer. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |