Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64-DFMN6TP/PF Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24C64-DFMN6TP/PF
Description  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DFMN6TP/PF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24C64-DFMN6TP/PF Datasheet HTML 13Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 14Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 15Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 16Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 17Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 18Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 19Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 20Page - STMicroelectronics M24C64-DFMN6TP/PF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
DS6638 Rev 36
17/54
M24C64-W M24C64-R M24C64-F M24C64-DF
Instructions
53
5.1.2
Page Write
The Page Write mode allows up to 32 byte to be written in a single Write cycle, provided that
they are all located in the same page in the memory: that is, the most significant memory
address bits, A15/A5, are the same. If more bytes are sent than will fit up to the end of the
page, a “roll-over” occurs, i.e. the bytes exceeding the page end are written on the same
page, from location 0.
The bus master sends from 1 to 32 byte of data, each of which is acknowledged by the
device if Write Control (WC) is low. If Write Control (WC) is high, the contents of the
addressed memory location are not modified, and each data byte is followed by a NoAck, as
shown in Figure 11. After each transferred byte, the internal page address counter is
incremented.
The transfer is terminated by the bus master generating a Stop condition.
Figure 11. Write mode sequences with WC = 1 (data write inhibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com