Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV914X Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 16Page - Texas Instruments TLV914X Datasheet HTML 17Page - Texas Instruments TLV914X Datasheet HTML 18Page - Texas Instruments TLV914X Datasheet HTML 19Page - Texas Instruments TLV914X Datasheet HTML 20Page - Texas Instruments TLV914X Datasheet HTML 21Page - Texas Instruments TLV914X Datasheet HTML 22Page - Texas Instruments TLV914X Datasheet HTML 23Page - Texas Instruments TLV914X Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
6.3.2 Common-Mode Voltage Range
The TLV914x is an 18V, true rail-to-rail input operational amplifier with an input common-mode range that
extends to both supply rails. This wide range is achieved with paralleled complementary PMOS and NMOS
differential input pairs, as shown in Figure 6-3. The NMOS pair is active for input voltages close to the positive
rail, typically from (V+) – 1V to the positive supply. The PMOS pair is active for inputs from the negative supply
to approximately (V+) – 2V. There is a small transition region, multichannel typically (V+) – 2V to (V+) – 1V, in
which both input pairs are on. This transition region can vary modestly with process variation. Within this region
PSRR, CMRR, offset voltage, offset drift, noise, and THD performance can be degraded compared to operation
outside this region.
Figure 5-17 shows this transition region for a typical device in terms of input voltage offset in more detail.
For more information on common-mode voltage range and complementary pair interaction, see the Op amps
with complementary-pair input stages: What are the design trade-offs? Analog Design Journal.
NMOS
PMOS
PMOS
NMOS
V-
V+
IN+
IN-
Figure 6-3. Rail-to-Rail Input Stage
6.3.3 EMI Rejection
The TLV914x uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the TLV914x benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10MHz to 6GHz. Table 6-1
provides the EMIRR IN+ values for the TLV914x at particular frequencies commonly encountered in real-world
applications. The EMI Rejection Ratio of Operational Amplifiers application report contains detailed information
on the topic of EMIRR performance and how EMIRR relates to op amps and is available for download from
www.ti.com.
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com