Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EML10WCB Datasheet(PDF) 2 Page - Bookham, Inc.

Part # EML10WCB
Description  10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

EML10WCB Datasheet(HTML) 2 Page - Bookham, Inc.

  EML10WCB Datasheet HTML 1Page - Bookham, Inc. EML10WCB Datasheet HTML 2Page - Bookham, Inc. EML10WCB Datasheet HTML 3Page - Bookham, Inc. EML10WCB Datasheet HTML 4Page - Bookham, Inc. EML10WCB Datasheet HTML 5Page - Bookham, Inc. EML10WCB Datasheet HTML 6Page - Bookham, Inc. EML10WCB Datasheet HTML 7Page - Bookham, Inc. EML10WCB Datasheet HTML 8Page - Bookham, Inc. EML10WCB Datasheet HTML 9Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet
2
Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
CW Laser
Threshold current
5
20
35
mA
Threshold power
0.001
1
µW
Operating current SOL
@I
op
50
80
100
mA
Operating current EOL
@I
op
105
mA
Laser forward voltage
If=80mA @ 25°C, CW
1.0
1.2
2
V
Peak wavelength
1529.55
1561.42
nm
Wavelength drift vs life time
15 years typical life
-100
100
pm
Wavelength stability with
-0.5
+0.5
pm/°C
case temperatures
Side mode suppression
36
45
dB
ratio (SMSR) @ Iop
Spectral width @ Iop
-20dBr, Notes
[2] [1]
0.2
0.27
0.3
nm
Optical Modulator
Modulator drive voltage
2
2.5
2.8
Vpp
Bias voltage for ‘on’ level
-0.5
-0.2
0
V
Fiber output power
Note
[1]
-3
-2
-1
dBm
Case temperature
Tcase = -20 to +70°C
-0.5
+/-0.1
0.5
dB
tracking error
@ cont I
m
S21 Optical bandwidth
VEA @-1V
9
12.5
GHz
S11 return loss
VEA @-1V
-15
-8
dB
(0 GHz to 7 GHz)
S11 return loss
VEA @-1V
-10
-5
dB
(7 GHz to 10 GHz)
Optical rise/fall time
20 to 80%, Notes
[1] [3]
20
36
40
ps
Dynamic optical
Notes
[1] [3]
10.5
11
dB
extinction ratio
OC192/SDH64 mask margin
Notes
[1] [3]
10
15
%
Dispersion penalty
Notes
[1] [4]
1
2
dB
(RX power penalty)
Tcase = 25°C, Tlaser = 25°C unless otherwise stated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com