Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGP19NC60WD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP19NC60WD
Description  N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH??IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60WD Datasheet(HTML) 1 Page - STMicroelectronics

  STGP19NC60WD Datasheet HTML 1Page - STMicroelectronics STGP19NC60WD Datasheet HTML 2Page - STMicroelectronics STGP19NC60WD Datasheet HTML 3Page - STMicroelectronics STGP19NC60WD Datasheet HTML 4Page - STMicroelectronics STGP19NC60WD Datasheet HTML 5Page - STMicroelectronics STGP19NC60WD Datasheet HTML 6Page - STMicroelectronics STGP19NC60WD Datasheet HTML 7Page - STMicroelectronics STGP19NC60WD Datasheet HTML 8Page - STMicroelectronics STGP19NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2007
Rev 3
1/15
15
STGW19NC60WD
STGP19NC60WD
N-channel 600V - 19A - TO-220 - TO-247
Ultra fast PowerMESH™ IGBT
www.st.com
Features
■ High frequency operation
■ Low CRES / CIES ratio (no cross-conduction
susceptibility)
■ Very soft ultra fast recovery antiparallel diode
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “W” identifies a family
optimized for very high frequency application.
Applications
■ High frequency motor controls, inverters, UPS
■ HF, SMPS and PFC in both hard switch and
resonant topologies
Internal schematic diagram
Type
VCES
VCE(sat)
(max)@25°C
IC
@100°C
STGP19NC60WD
600V
< 2.5V
22A
STGW19NC60WD
600V
< 2.5V
23A
1
2
3
TO-220
TO-247
Order code
Part number
Marking
Package
Packaging
STGP19NC60WD
GP19NC60WD
TO-220
Tube
STGW19NC60WD
GW19NC60WD
TO-247
Tube


Similar Part No. - STGP19NC60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP19NC60W STMICROELECTRONICS-STGP19NC60W Datasheet
300Kb / 13P
N-channel 600V - 19A - TO-220 Ultra fast PowerMESH IGBT
08-May-2007
More results

Similar Description - STGP19NC60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH™ IGBT
Aug-2003
STGW20NC60VD STMICROELECTRONICS-STGW20NC60VD Datasheet
303Kb / 11P
N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
12-Jul-2004
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
07-Jun-2004
STGW30NC60W STMICROELECTRONICS-STGW30NC60W Datasheet
98Kb / 9P
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH IGBT
15-Sep-2005
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD Datasheet
280Kb / 14P
N-CHANNEL 30A - 600V - TO-247 Ultra FAST Switching PowerMESH??IGBT
06-Mar-2006
STGP30NC60W STMICROELECTRONICS-STGP30NC60W Datasheet
306Kb / 14P
N-channel 30A - 600V - TO-247 - TO-220 Ultra fast switching PowerMESH TM IGBT
18-Dec-2006
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
14-Jul-2004
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_07 Datasheet
306Kb / 14P
N-channel 30A - 600V - TO-247 Ultra fast switching PowerMESH??IGBT
12-Jul-2007
STGF19NC60WD STMICROELECTRONICS-STGF19NC60WD Datasheet
315Kb / 14P
N-channel 600V - 7A - TO-220 Ultra fast PowerMESH IGBT
08-May-2007
STGP19NC60W STMICROELECTRONICS-STGP19NC60W Datasheet
300Kb / 13P
N-channel 600V - 19A - TO-220 Ultra fast PowerMESH IGBT
08-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com