Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIPER50ASP-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER50ASP-E
Description  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50ASP-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER50ASP-E Datasheet HTML 12Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 13Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 14Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 15Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 16Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 17Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 18Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 19Page - STMicroelectronics VIPER50ASP-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
5 Operation Description
VIPer50A-E/ASP-E
16/31
Figure 11. Behaviour of the high voltage current source at start-up
Figure 12. Start-Up Waveforms
Ref.
UNDERVOLTAGE
LOCK OUT LOGIC
15 mA
1 mA
3 mA
2 mA
15 mA
VDD
DRAIN
SOURCE
VIPer50
Auxiliary primary
winding
VDD
t
VDDoff
VDDon
Start up duty cycle ~ 12%
CVDD
FC00320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com