Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25B40T-75VIP Datasheet(PDF) 35 Page - Eon Silicon Solution Inc.

Part # EN25B40T-75VIP
Description  4 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B40T-75VIP Datasheet(HTML) 35 Page - Eon Silicon Solution Inc.

Back Button EN25B40T-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25B40T-75VIP Datasheet HTML 36Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
35
EN25B40
Rev. E, Issue Date: 2007/5/3
Revisions List
Revision No Description
Date
A
Advanced Information
2005/11/2
B
Initial release
2006/03/24
C
1. Add op-code: 9Fh and its description in page 21
2. Add 3 specific op-codes to IDs in Table 5 of page 10
3. Change note 5 description in page 10
4. Change the description of FEATURES in page 1
(1) byte program time from 8 to 7µs,
(2) add page program time: 1.4ms,
(3) sector erase time from
“150ms to 500ms” to “100ms to 300ms”
(4) chip erase time from 4.5 sec to 2.7 sec
5. Change Table 10 AC Characteristics in page 24
(1) Data in Setup Time from 5ns to 2ns,
(2) 64KB sector erase time from 0.5 sec to 0.3 sec typical
64KB sector erase time from 1 sec to 0.6 sec max.
(3) 16KB sector erase time from 0.2 sec to 0.15 sec typical
16KB sector erase time from 0.4 sec to 0.3 sec max.
(4) 4KB sector erase time from 0.15 sec to 0.1 sec typical
4KB sector erase time from 0.3 sec to 0.2 sec max.
(5) bulk erase time from 4.5 sec to 2.7 sec typical
bulk erase time from 9 sec to 5.4 sec max.
6. Change ICC1, ICC2 in Table 8 from 10µA to 20µA in page 23
7. Add INSTRUCTIONS description in page 9
2006/08/04
D
1. Change clock rate from 50MHz to 75MHz,
Page program time 1.4 ms typical to 1.5 ms typical
Sector erase time 100 to 300 ms typical to 300 to 800 ms
Chip erase time 2.7 seconds to 5 seconds typical
Add 8 pin PDIP for package options in page 1
2. Change Table 8 DC Characteristics in page 23
(1) Add ICC3 for 75MHz
3. Change Table 10 to 75MHz AC Characteristics in page 24
(1) Change F
R from 50 to 75MHz
(2) Change f
R from 33 to 50MHz
(3) Change t
CLH from 9ns to 6ns
(4) Change t
CLL from 9ns to 6ns
(5) Change t
SHQZ from 9ns to 6ns
(6) Change t
HLQZ from 9ns to 6ns
(7) Change t
HHQZ from 9ns to 6ns
(8) Change t
CLQV from 9ns to 6ns
(9) Change Page program time 1.4ms typical to 1.5ms
(10)Change 64KB Sector erase time 0.3 / 0.6 seconds to
0.8 / 2 seconds for typical and maximum
(11)Change 16KB Sector erase time 0.15 / 0.3 seconds to
0.5 / 1 seconds for typical and maximum
(12)Change 4KB Sector erase time 0.1 / 0.2 seconds to
0.3 / 0.6 seconds for typical and maximum
(13)Change Chip erase time 2.7 / 5.4 seconds to 5 / 10
seconds for typical and maximum
4. Add Table 11: 50MHz AC Characteristics in page 25
(1) Change Page program time 1.4ms typical to 1.5ms
2007/01/09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com