Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJ4L40T/R7 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJ4L40T/R7
Description  QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJ4L40T/R7 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJ4L40T/R7 Datasheet HTML 1Page - Pan Jit International Inc. PJ4L40T/R7 Datasheet HTML 2Page - Pan Jit International Inc. PJ4L40T/R7 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.panjit.com
7/12/2006
Page 2
T = 25°C, unless otherwise noted
ELECTRICAL CHARACTERISTICS (Each Diode)
PJ4L40
J
Characteristic
Symbol
Units
Forward Voltage (Note 2)
V
Reverse Leakage Current (Note 2)
F
V
I R
0.280
0.450
0.350
0.225
0.350
0.280
-
-
-
IF = 10mA
IF = 0.1mA
IF = 1.0mA
0.550
-
1.0
0.390
-
0.460
-
30
-
IF = 30mA
IF = 100mA
Total Capacitance
VR = 0V, f = 1.0 MHz
C T
pF
-
19
-
Data Line to Ground
ELECTRICAL CHARACTERISTIC CURVES (Each Diode)
Reverse Breakdown Voltage (Note 2)
IR = 100uA
VBR
V
Max
Typ
Min
VR = 25V
Note 2: Short duration test pulse to minimize self heating
uA
2.0
-
-
Reverse Recovery Time
t rr
ns
5.0
-
-
IF = IR = 10mA
Irr = 1.0mA, RL = 100 Ohm
Between Data Lines
-
-12
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
V
R, Reverse Voltage (V)
T
A= - 25 °C
T
A=75 °C
T
A=25 °C
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
V
F, For w ar d V oltage (V )
T
A=25 °C
T
A= - 25 °C
T
A=75 °C
T
A=125 °C
Fig. 1. Typical Forward Voltage
Fig. 2. Typical Reverse Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com