Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P40-VMN6P/X Datasheet(PDF) 49 Page - STMicroelectronics

Part # M25P40-VMN6P/X
Description  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMN6P/X Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M25P40-VMN6P/X Datasheet HTML 45Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 46Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 47Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 48Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 49Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 50Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 51Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 52Page - STMicroelectronics M25P40-VMN6P/X Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
M25P40
Part numbering
49/53
12
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
The category of second-Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 24.
Ordering information scheme
Example:
M25P40
–
V MN
6
T
P
/X
Device Type
M25P = Serial Flash memory for Code Storage
Device Function
40 = 4 Mbit (512 K x 8)
Operating Voltage
V = VCC = 2.3 V to 3.6 V
Package
MN = SO8 (150 mil width)
MP = VFQFPN8 6 x 5 mm (MLP8)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3(1) = Device tested with High Reliability Certified Flow(2).
Automotive temperature range (–40 to 125 °C)
1.
Device grade 3 available in an SO8 ECOPACK® (RoHS compliant) package.
2.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a copy.
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(3)
3.
The process letter (/X) is specified in the ordering information of grade 3 devices only.
For grade 6 devices, the process letter does not appear in the Ordering Information, it only appears on the
device package (marking) and on the shipment box. Please contact your nearest ST Sales Office.
For more information on how to identify products by the Process Identification Letter, please refer to
AN1995: Serial Flash Memory Device Marking.
/X = T7Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com