Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN25B32T-75VIP Datasheet(PDF) 38 Page - Eon Silicon Solution Inc.

Part # EN25B32T-75VIP
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32T-75VIP Datasheet(HTML) 38 Page - Eon Silicon Solution Inc.

Back Button EN25B32T-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 33Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 34Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 35Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 36Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 37Page - Eon Silicon Solution Inc. EN25B32T-75VIP Datasheet HTML 38Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
38
EN25B32
Rev. C, Issue Date: 2007/06/21
Revisions List
Revision No Description
Date
A
Initial Release
2007/03/05
B
1. Add 8 pin SOP 200mil body width for package options in
page 1
2. Add 8 pin SOP 200mil diagram in Figure 1 in page 2
3. Change Write Inhibit Voltage from 2 V to 2.5 V in page 26
4. Change Table 11. 100MHz AC Characteristics VCC from 2.7-
3.6 V to 3.0-3.6 V , and change tCLQV from 6 ns to 9 ns in
page 28
5. Add figure 25 of SOP 200mil package in page 33
6. Add 8 pin SOP package option ‘H’ to ordering info in page 36
2007/05/16
C
1. Add 8 pin PDIP for package options in page 1
2. Add 8 Lead PDIP in Figure 1. Connection Diagram in page 2.
3. Add 8 pin PDIP in Package Mechanical in page 35
4. Add 8 pin PDIP package option ‘Q’ in page 37
2007/06/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com