Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5916B Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 1N5916B
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5916B Datasheet(HTML) 4 Page - Pan Jit International Inc.

  1N5916B Datasheet HTML 1Page - Pan Jit International Inc. 1N5916B Datasheet HTML 2Page - Pan Jit International Inc. 1N5916B Datasheet HTML 3Page - Pan Jit International Inc. 1N5916B Datasheet HTML 4Page - Pan Jit International Inc. 1N5916B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
REV.0-MAR.23.2005
200
100
70
50
30
20
10
10
20
30
50
Vz, ZENER VOLTAGE (VOLTS)
0.5
1
2
5
10
20
50
100
200
500
1
2
5
1K
00
00
00
50
20
10
5
2
1
Iz, ZENER TEST CURRENT (mA)
Fig.4 Z
ener impedance v.s. zener current
0.1 0.20.3 0.5
12 3
5
10 20 30 50
100
1K
500
300
200
100
50
30
20
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
T
J
=25 C PRIOR
O
TO INTIAL PULSE
PW, PULSE WIDTH (ms)
Fig.6 Maximum Surge Power
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
3
4
00
6
50
0
70
100
I
Z
(dc)=1mA
I
Z
(rms)=0.1I
Z
(dc)
10mA
20mA
Vz, ZENER VOLTAGE (VOLTS)
Fig.5 Z
ener impedance v.s. zener voltage
2.5
2
1.5
1
0.5
0
0
20
40
60
80
100
120 140 150 180
LEAD TEMPERATURE, C
O
Fig.1 Steady State Power Derating
V , ZENER VOLTAGE (VOLTS)
Z
8
6
4
2
0
-2
-4
24
68
10
10
12
V
Z
@I
ZT
Fig.2 T
emperature coeeficient v.s. zener voltage,Vz(V)
Fig.3 T
emperature coeeficient v.s. zener voltage,Vz(V)
V
Z
@I
ZT
ms
0 1I
1 I
Z
T
J
=2
= 25 C
I
Z
(r
)=
) = .
(dc)
O
12V
22V
6.8 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com