Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF200-0PB-024P Datasheet(PDF) 4 Page - LEDTRONICS, INC

Part # SF200-0PB-024P
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SF200-0PB-024P Datasheet(HTML) 4 Page - LEDTRONICS, INC

  SF200-0PB-024P Datasheet HTML 1Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 2Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 3Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 4Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 5Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 6Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 7Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 8Page - LEDTRONICS, INC SF200-0PB-024P Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Application Notes
Will the Panel LED replace
another manufacturers parts?
Mounting Type?
Mounting Diameter & Panel
Thickness?
Operating Voltage and
Polarity?
Terminal Type?
Viewing Distance?
Viewing Angle?
LED Color?
Lens Type?
Ambient Lighting?
Potential Quality and
Target Price?
Dialight, Data Display Products, Industrial Devices Inc., etc...
If so, what is the part number?
Snap-in, Snap-in with mount clip, Bolt-on, Relampable, etc...
What is the hole diameter into which the lamp assembly
must fit? How thick is the wall of the panel?
Actual open line voltage? AC or DC? Does it fluctuate?
Indicate the Minimum/Maximum values?
Are solid wire (0.02 sq.), pigtail flexible wire lead (24AWG), quick
disconnect (3/16 rectangular), solder lug, turret, or screw-on type
terminals preferred?
How far is the operator / technician when the indicator
must be visible? 5 to 10 feet, 20 to 50 feet, 100 to 200 feet,
500 to 1000 feet?
0 to 12 degrees – Narrow Beam
30 to 60 degrees – Medium Beam
100 to 160 degrees – Wide Beam
Ultra Red, Hi-Efficiency Red, Standard Red, Orange, Yellow, Cool
white, Ultra Green, Aqua Green, Blue
Diffused lenses are used in applications where direct viewing or
indication is needed. Clear lenses are used in application where
illumination is needed. Is the lens fluted?
Standard office lighting. High ceiling factory lighting.
Indirect sunlight. Direct sunlight
How many pieces are required within a given time frame?
How much budgetary funding is allowed for this item or project?
Viewing Angle
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com